전자부품 데이터시트 검색엔진 |
|
M1000-M05-R10851-NH 데이터시트(PDF) 1 Page - GSI Group, Inc. |
|
M1000-M05-R10851-NH 데이터시트(HTML) 1 Page - GSI Group, Inc. |
1 / 6 page Optional features • Glass scale length or diameter: Linear lengths from 5mm to 2m Rotary diameters from 12mm to 108mm • Cable length of 0.5m, 1m, 2m or custom • SmartPrecision Software for set up Required accessories • SmartPrecision Alignment Tool Resolution Determined by Customer Electronics Linear: 20μm to 0.078μm Rotary: 2,500 to 4.2M CPR Accuracy Linear: ± 1μm available ± 3μm to ± 5μm standard Rotary: Up to ± 2.1 arc-sec Output Analog Sine/Cosine and Digital Index Window Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078μm Reflective Linear and Rotary Encoders Imagine what you can do with this! Reduce the cost and size of your system, and increase its performance all at once. MicroE Systems’ Mercury 1000 kit encoders are smaller, higher performance, faster to install, and easier to use than any other encoder. Advanced features include SmartPrecision™ automatic offset and gain adjustments during set up to optimize accuracy. No manual adjustments are needed. The tiny sensor fits into very tight spaces, has broad alignment tolerances for fast and easy setup and works in both linear and rotary applications. The entire Mercury 1000 encoder system is EMI shielded for use in the toughest environments. With standard analog sine/cosine output, use your interpolation electronics to achieve the resolution required by your application. The Mercury 1000 encoder system includes the sensor, double shielded cable, connector, and either a linear or rotary glass scale. Mercury’s space-saving, integrated configuration gives OEM system designers a breakthrough in performance. Table of Contents System & Sensor pg 4 Scales pg 5-6 Ordering Information pg 6 Standard features • Small sensor with ultra-low Z height; flush screw mounting • Sensor is 8.4mm (H) x 12.7mm (W) x 20.6mm (L) and weighs 1.6g • SmartPrecision automatic offset and gain set up • Analog Sine/Cosine output and Index window • Fundamental resolution: Linear 20µm; Rotary 2,500 - 16,384 CPR Interpolated resolution determined by customer electronics: Linear: 20µm - 0.078µm; rotary: 2,500 to 4.2M CPR • Entire system is EMI shielded • Bi-directional index signal • Index mark at the center or end of the glass scale (linear) • Alignment Tool enables fast set up (Required, see pg 2) Sensor as small as a dime |
유사한 부품 번호 - M1000-M05-R10851-NH |
|
유사한 설명 - M1000-M05-R10851-NH |