전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTVF16859 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 SSTVF16859
상세설명  13-bit 1 : 2 SSTL_2 registered buffer for DDR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button SSTVF16859 Datasheet HTML 7Page - NXP Semiconductors SSTVF16859 Datasheet HTML 8Page - NXP Semiconductors SSTVF16859 Datasheet HTML 9Page - NXP Semiconductors SSTVF16859 Datasheet HTML 10Page - NXP Semiconductors SSTVF16859 Datasheet HTML 11Page - NXP Semiconductors SSTVF16859 Datasheet HTML 12Page - NXP Semiconductors SSTVF16859 Datasheet HTML 13Page - NXP Semiconductors SSTVF16859 Datasheet HTML 14Page - NXP Semiconductors SSTVF16859 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
9397 750 15157
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2005
11 of 23
Philips Semiconductors
SSTVF16859
13-bit 1 : 2 SSTL_2 registered buffer for DDR
11. Dynamic characteristics
[1]
This parameter is not necessarily production tested.
[2]
Data inputs must be below a minimum time to tACT(max), after RESET is taken HIGH.
[3]
Data and clock inputs must be held at valid levels (not floating) a minimum time of tINACT(max), after RESET is taken LOW.
[4]
For data signal input slew rate
≥ 1 V/ns.
[5]
For data signal input slew rate
≥ 0.5 V/ns and < 1 V/ns.
[6]
CK, CK signals input slew rates are
≥ 1 V/ns.
[1]
This parameter is not necessarily production tested.
[2]
Data inputs must be below a minimum time to tACT(max), after RESET is taken HIGH.
[3]
Data and clock inputs must be held at valid levels (not floating) a minimum time of tINACT(max), after RESET is taken LOW.
[4]
For data signal input slew rate
≥ 1 V/ns.
[5]
For data signal input slew rate
≥ 0.5 V/ns and < 1 V/ns.
[6]
CK, CK signals input slew rates are
≥ 1 V/ns.
Table 9:
Timing requirements (PC1600-PC2700)
At recommended operating conditions; VDD = 2.5 V ± 0.2 V; Tamb =0 °Cto+70 °C; unless otherwise specified.
See Figure 11.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclock
clock frequency
-
-
200
MHz
tW
pulse duration, CK, CK, HIGH or
LOW
2.5
-
-
ns
tACT
differential inputs active time
[1] [2] --22
ns
tINACT
differential inputs inactive time
[1] [3] --22
ns
tsu
setup time, fast slew rate
data before CK
↑, CK↓
[4] [6] 0.65
-
-
ns
setup time, slow slew rate
data before CK
↑, CK↓
[5] [6] 0.75
-
-
ns
th
hold time, fast slew rate
data after CK
↑, CK↓
[4] [6] 0.75
-
-
ns
hold time, slow slew rate
data after CK
↑, CK↓
[5] [6] 0.9
-
-
ns
Table 10:
Timing requirements (PC3200)
At recommended operating conditions; VDD = 2.6 V ± 0.1 V; Tamb =0 °Cto+70 °C; unless otherwise specified.
See Figure 11.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclock
clock frequency
-
-
210
MHz
tW
pulse duration, CK, CK, HIGH or
LOW
2.5
-
-
ns
tACT
differential inputs active time
[1] [2] --22
ns
tINACT
differential inputs inactive time
[1] [3] --22
ns
tsu
setup time, fast slew rate
data before CK
↑, CK↓
[4] [6] 0.65
-
-
ns
setup time, slow slew rate
data before CK
↑, CK↓
[5] [6] 0.75
-
-
ns
th
hold time, fast slew rate
data after CK
↑, CK↓
[4] [6] 0.65
-
-
ns
hold time, slow slew rate
data after CK
↑, CK↓
[5] [6] 0.8
-
-
ns


유사한 부품 번호 - SSTVF16859

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
logo
Texas Instruments
SSTVF16859 TI1-SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTVF16859BS PHILIPS-SSTVF16859BS Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVF16859DGG PHILIPS-SSTVF16859DGG Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVF16859EC PHILIPS-SSTVF16859EC Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
More results

유사한 설명 - SSTVF16859

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com