전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA-PLCC068-D-J-01 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 CA-PLCC068-D-J-01
상세설명  Carrier Adaptor (CA): 68 position PLCC production socket to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC068-D-J-01 데이터시트(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC068-D-J-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CA-PLCC068-D-J-01 Dwg
Rev: A
Status: Released
File: CA-PLCC068-D-J--01 Dwg
ECO#
Scale:
Drawing:EV Swanson
Date: 12/4/97
2:1
© 1997 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
-J (surface-mountable J leaded foot) option
Carrier Adaptor (CA): 68 position PLCC production socket to 68 position PLCC J leaded SM
foot. 2 pc. adaptor.
1.175"
1.172"
0.899"
0.503"
Substrate: FR4/G10, 0.0625"±0.007" thick.
PLCC Socket Pins: Phosphor Bronze, finish: 150 µ" Tin/lead (93/7) over 40µ" Nickel
Base Pins: Brass Alloy 360, 1/2H ; finish: 10µ" Gold over 100/150µ" Nickel
0.833"Assembled


유사한 부품 번호 - CA-PLCC068-D-J-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
CA-PLCC068-D-J-T-01 IRONWOOD-CA-PLCC068-D-J-T-01 Datasheet
37Kb / 1P
   CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
More results

유사한 설명 - CA-PLCC068-D-J-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
CA-PLCC068-D-J-T-01 IRONWOOD-CA-PLCC068-D-J-T-01 Datasheet
37Kb / 1P
   CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC052-D-J IRONWOOD-CA-PLCC052-D-J Datasheet
24Kb / 1P
   Carrier Adaptor (CA): 52 position PLCC Production socket with test points to 52 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC44-D-J-T-01 IRONWOOD-CA-PLCC44-D-J-T-01 Datasheet
31Kb / 1P
   Carrier Adaptor (CA): 44 position PLCC production socket with test points to 44 position PLCC J leaded SM foot.
CA-PLCC68-D-P-T-01 IRONWOOD-CA-PLCC68-D-P-T-01 Datasheet
62Kb / 1P
   CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
CA-PLCC68-D-C-T-01 IRONWOOD-CA-PLCC68-D-C-T-01 Datasheet
36Kb / 1P
   Carrier Adaptor (CA): 68 position PLCC production socket with test points to 68 position PLCC clip base. 1:1 pin mapping.
CA-PLCC68-Z-J-01 IRONWOOD-CA-PLCC68-Z-J-01 Datasheet
22Kb / 1P
   PLCC Carrier adaptor 68 position PLCC ZIF socket with female pluggable interface to 68 position surface mount PLCC foot with male pluggable interface.
CA-PLCC84-Z-C-T-01 IRONWOOD-CA-PLCC84-Z-C-T-01 Datasheet
24Kb / 1P
   PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
CA-PLCC28-Z-P-T-01 IRONWOOD-CA-PLCC28-Z-P-T-01 Datasheet
22Kb / 1P
   CARRIER ADAPTOR 28 position PLCC ZIF socket with test points to 28 position PLCC plug.
CA-PLCC44-D-M-T-01 IRONWOOD-CA-PLCC44-D-M-T-01 Datasheet
23Kb / 1P
   Carrier Adaptor (CA): 44 position PLCC production socket with test points to mini-grid array interface.
CA-PLCC084-Z-P-T-01 IRONWOOD-CA-PLCC084-Z-P-T-01 Datasheet
30Kb / 1P
   CARRIER ADAPTOR 84 position PLCC ZIF socket with test points to 84 position PLCC plug.
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com