전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA-PLCC84-Z-C-T-01 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 CA-PLCC84-Z-C-T-01
상세설명  PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC84-Z-C-T-01 데이터시트(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC84-Z-C-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CA-PLCC84-Z-C-T-01 Dwg
Rev: A
Status: Released
File: CA-PLCC084-Z-C-T-01 Dwg.mcd
ECO#
Scale:
Drawing: M. Tully
Date: 2/14/01
1:0.75
© 2001 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Pins: material- Brass Alloy 360 1/2 hard; finish-
0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
Pins: shell material- Brass Alloy 360 1/2 hard;
finish- 0.25µm [10µ"] Au over 1.27µm [50µ"] Ni
(min.). Contact material- BeCu; finish 0.25µm
[10µ"] Au over 2.54µm [100µ"] Ni (min. ).
Substrate: 1.59mm ±0.18mm [0.0625" ±0.007"]
FR4/G10 or equivalent high temp material. 17µm [1/2
oz.] Cu clad. SnPb plating.
Test points: material- Phosphor Bronze; plating- Sn
over 1.27µm [50µ"] Ni. Gold flash on contact end.
1
2
3
5
Description: PLCC Carrier Adaptor
84 position PLCC ZIF socket to 84 position PLCC clip with test points.
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
Top View
Side View
17.02mm
[0.670"]
1.56" assembled
20.89mm
0.823"
5.55mm 0.219"
40.67mm 1.601"
53.34mm 2.100"
53.34mm
2.100"
2.54mm typ.
0.100"
10.48mm
0.413"
0.64mm sqr. 0.025"
Target PLCC chip
39.62mm


유사한 부품 번호 - CA-PLCC84-Z-C-T-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
CA-PLCC84-Z-M-T-01 IRONWOOD-CA-PLCC84-Z-M-T-01 Datasheet
24Kb / 1P
   Carrier Adapter 84 Position PLCC ZIF Socket with test points to mini-grid array interface.
More results

유사한 설명 - CA-PLCC84-Z-C-T-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
CA-PLCC084-Z-P-T-01 IRONWOOD-CA-PLCC084-Z-P-T-01 Datasheet
30Kb / 1P
   CARRIER ADAPTOR 84 position PLCC ZIF socket with test points to 84 position PLCC plug.
CA-PLCC28-Z-P-T-01 IRONWOOD-CA-PLCC28-Z-P-T-01 Datasheet
22Kb / 1P
   CARRIER ADAPTOR 28 position PLCC ZIF socket with test points to 28 position PLCC plug.
CA-PLCC68-D-P-T-01 IRONWOOD-CA-PLCC68-D-P-T-01 Datasheet
62Kb / 1P
   CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
CA-PLCC84-Z-M-T-01 IRONWOOD-CA-PLCC84-Z-M-T-01 Datasheet
24Kb / 1P
   Carrier Adapter 84 Position PLCC ZIF Socket with test points to mini-grid array interface.
CA-PLCC68-D-C-T-01 IRONWOOD-CA-PLCC68-D-C-T-01 Datasheet
36Kb / 1P
   Carrier Adaptor (CA): 68 position PLCC production socket with test points to 68 position PLCC clip base. 1:1 pin mapping.
CA-PLCC44-D-J-T-01 IRONWOOD-CA-PLCC44-D-J-T-01 Datasheet
31Kb / 1P
   Carrier Adaptor (CA): 44 position PLCC production socket with test points to 44 position PLCC J leaded SM foot.
CA-PLCC32-Z-C-T-01 IRONWOOD-CA-PLCC32-Z-C-T-01 Datasheet
31Kb / 1P
   BGA Prototyping Adaptor 32 position PLCC ZIF socket with test points to Clip bottom interface.
CA-PLCC068-D-J-T-01 IRONWOOD-CA-PLCC068-D-J-T-01 Datasheet
37Kb / 1P
   CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC052-D-J IRONWOOD-CA-PLCC052-D-J Datasheet
24Kb / 1P
   Carrier Adaptor (CA): 52 position PLCC Production socket with test points to 52 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC32-Z-P-T-01 IRONWOOD-CA-PLCC32-Z-P-T-01 Datasheet
39Kb / 1P
   PLCC Carier Adaptor 32 position PLCC socket with test probes to pluggable PLCC emulator foot.
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com