전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1889 데이터시트(PDF) 1 Page - Rohm

부품명 2SD1889
상세설명  Power Transistor (120V, -6A)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD1889 데이터시트(HTML) 1 Page - Rohm

  2SD1889 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(96-650-B88)
(96-765-D88)
288
Transistors
2SB1340
Transistors
2SD1889


유사한 부품 번호 - 2SD1889

제조업체부품명데이터시트상세설명
logo
Savantic, Inc.
2SD1889 SAVANTIC-2SD1889 Datasheet
107Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1889 ISC-2SD1889 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1889 SAVANTIC-2SD1889 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Rohm
2SD1889 ROHM-2SD1889 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

유사한 설명 - 2SD1889

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
   Power Transistor (-120V , -1.5A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
2SB1674 ROHM-2SB1674 Datasheet
57Kb / 2P
   For Motor / Relay drive (-120V, -6A)
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
   Power Transistor (120V, 7A)
2SD2615 ROHM-2SD2615 Datasheet
56Kb / 2P
   For Motor / Relay drive (120V, 6A)
logo
Mospec Semiconductor
2SC681 MOSPEC-2SC681 Datasheet
107Kb / 3P
   POWER TRANSISTOR(6A,50W)
logo
Rohm
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
   Middle Power Transistor(120V/1.5A)
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
   NPN 3A 120V Power Transistor
2SAR587D3 ROHM-2SAR587D3 Datasheet
1Mb / 11P
   PNP -3.0A -120V Power Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com