전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1381F 데이터시트(PDF) 3 Page - Rohm

부품명 2SD1381F
상세설명  Power Transistor (80V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD1381F 데이터시트(HTML) 3 Page - Rohm

  2SD1381F Datasheet HTML 1Page - Rohm 2SD1381F Datasheet HTML 2Page - Rohm 2SD1381F Datasheet HTML 3Page - Rohm 2SD1381F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1898 / 2SD1733 / 2SD1768S / 2SD1863 / 2SD1381F
Transistors
!Packaging specifications and hFE
Package
Taping
Code
2SD1898
Type
T100
1000
hFE
TL
2500
TP
5000
2000
Bulk
2SD1733
−−
2SD1768S
2SD1863
2SD1381F
PQR
PQR
QR
R
TV2
2500
Basic ordering unit (pieces)
PQ
hFE values are classified as follows :
Item
hFE
R
180~390
Q
120~270
P
82~180
!Electrical characteristic curves
0.1
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
1000
100
10
1
Ta=25˚C
VCE=5V
24
08
10
6
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
Fig.2 Grounded emitter output
characteristics
1.0
0
0.8
0.6
0.4
0.2
6mA
5mA
4mA
3mA
2mA
1mA
IB=0mA
Ta=25˚C
0
100
1000
100
0
10
1000
COLLECTOR CURRENT : IC (
mA)
Fig.3 DC current gain vs.
collector current
Ta=25˚C
VCE=3V
1V
0.01
0.1
1.0
2.0
0.2
0.02
0.05
0.5
100
0
10
1000
COLLECTOR CURRENT : IC (
mA)
Fig.4 Collector-emitter saturation
voltage vs. collector current
IC/IB=20/1
Ta=25˚C
10/1
1
2
5
10
20
50 100 200 500 1000
EMITTER CURRENT :
−IE (mA)
Fig.5 Gain bandwidth product vs.
emitter current
500
200
100
50
20
10
5
2
Ta=25˚C
VCE=5V
0.1 0.2
0.5
1
2
5
10
20
50 100
COLLECTOR TO BASE VOLTAGE : VCB (
V)
EMITTER TO BASE VOLTAGE
: VEB (
V)
Fig.6 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
100
1000
10
1
Ta=25˚C
f=1MHz
IE=0A
Ic=0A


유사한 부품 번호 - 2SD1381F

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1380 ROHM-2SD1380 Datasheet
108Kb / 1P
   2SD1380
logo
Inchange Semiconductor ...
2SD1380 ISC-2SD1380 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1380 SAVANTIC-2SD1380 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
2SD1380 SAVANTIC-2SD1380 Datasheet
106Kb / 3P
   Silicon NPN Power Transistors
logo
Rohm
2SD1383K ROHM-2SD1383K Datasheet
72Kb / 4P
   High-gain Amplifier Transistor (32V, 0.3A)
More results

유사한 설명 - 2SD1381F

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com