전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2103T100 데이터시트(PDF) 1 Page - Rohm

부품명 2SK2103T100
상세설명  Small switching (30V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SK2103T100 데이터시트(HTML) 1 Page - Rohm

  2SK2103T100 Datasheet HTML 1Page - Rohm 2SK2103T100 Datasheet HTML 2Page - Rohm 2SK2103T100 Datasheet HTML 3Page - Rohm 2SK2103T100 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FExternal dimensions (Units: mm)
98
Transistors
Small switching (30V, 2A)
2SK2103
FFeatures
1) Low on-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) Low-voltage drive (4V).
5) Easily designed drive circuits.
6) Easy to use in parallel.
FStructure
Silicon N-channel
MOSFET
FAbsolute maximum ratings (Ta = 25_C)
FPackaging specifications


유사한 부품 번호 - 2SK2103T100

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
717Kb / 6P
   Silicon N Channel Junction Type FM Tuner Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
   FM Tuner Applications VHF Band Amplifier Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
   FM Tuner Applications VHF Band Amplifier Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
More results

유사한 설명 - 2SK2103T100

제조업체부품명데이터시트상세설명
logo
Rohm
RSQ020N03FRA ROHM-RSQ020N03FRA Datasheet
2Mb / 14P
   Nch 30V 2A Small Signal MOSFET
RRQ020P03 ROHM-RRQ020P03 Datasheet
2Mb / 14P
   Pch -30V -2A Small Signal MOSFET
RSQ020N03HZG ROHM-RSQ020N03HZG Datasheet
2Mb / 15P
   Nch 30V 2A Small Signal MOSFET
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
2SK3050 ROHM-2SK3050 Datasheet
98Kb / 5P
   Small switching (600V, 2A)
2SK3065 ROHM-2SK3065 Datasheet
85Kb / 4P
   Small switching (60V, 2A)
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
QS5U12 ROHM-QS5U12 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com