전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3918 데이터시트(PDF) 8 Page - Rohm

부품명 BA3918
상세설명  System power supply for car stereos
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3918 데이터시트(HTML) 8 Page - Rohm

  BA3918 Datasheet HTML 1Page - Rohm BA3918 Datasheet HTML 2Page - Rohm BA3918 Datasheet HTML 3Page - Rohm BA3918 Datasheet HTML 4Page - Rohm BA3918 Datasheet HTML 5Page - Rohm BA3918 Datasheet HTML 6Page - Rohm BA3918 Datasheet HTML 7Page - Rohm BA3918 Datasheet HTML 8Page - Rohm BA3918 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
249
Regulator ICs
BA3918
FOperation notes
(1)
Example of application
The application circuit of Fig. 3 is recommended for use.
Make sure to confirm the adequacy of parts characteris-
tics. When using the circuit with changes to external cir-
cuit constants, make sure to leave sufficient margins in
consideration of fluctuations in the IC and external com-
ponents including static and transitional characteristics.
Note that ROHM has not carried out extensive survey re-
garding the patent right of this application.
(2)
Operating power supply voltage
When operating within the proper ranges of power supply
voltage and ambient temperature, most circuit functions
are guaranteed. Although the rated values of electrical
characteristics cannot be absolutely guaranteed, char-
acteristic values do not change drastically within the
proper ranges.
(3)
Power dissipation (Pd)
Refer to the power dissipation curves (Fig. 4) and the
rough estimation of IC power dissipation given on a sepa-
rate page. Make sure your design allows a maximum
power within the operating temperature range.
(4)
Overvoltage protection circuit
The overvoltage protection circuit turns OFF all outputs
when the potential difference between VCC (pin 7) and
GND (pin 12) is more than about 26V at normal tempera-
ture. Make sure to use the IC within this voltage limit.
(5)
Preventing oscillation at each output
To stop output oscillation, make sure to connect a capaci-
tor having a capacitance of 10
µF or greater between
GND and each of the VDD (pin 5), COM (pin 9), AM (pin
10), and FM (pin 11) output pins. We recommend using
a tantalum electrolytic capacitor whose capacitance is
unsusceptible to temperature.
(6)
Overcurrent protection circuit
An overcurrent protection circuit is installed on the VDD
(pin 5), AMP (pin 6), ANT (pin 8), COM (pin 9), AM (pin
10), and FM (pin 11) outputs, based on the respective
output current. This prevents IC destruction due to over-
current, by limiting the current with a curve shape of “7”
in the voltage-current graph. The IC is designed with
margins so that current flow will be restricted and latching
will be prevented even if a large current suddenly flows
through a large capacitor. The circuit should be carefully
set because output current is further restricted when out-
put voltage is less than 1VF (considered as short mode).
(7)
Thermal protection circuit
A built-in thermal protection circuit prevents thermal
damage to the IC. All outputs except VDD are switched
OFF when the circuit operates, and revert to the original
state when temperature drops to a certain level.
(8)
Grounding
Each ground trace in the application circuit of Fig. 3 must
be adequately short from GND (pin 12). Make sure to ar-
range the ground traces in a pattern that prevents mutual
interference.
(9)
Although the quality of this IC is rigorously con-
trolled, the IC may be destroyed when the supply voltage
or the operating temperature exceeds their absolute
maximum ratings. Because short mode or open mode
cannot be specified when the IC is destroyed, be sure to
take physical safety measures, such as fusing, if any of
the absolute maximum ratings might be exceeded.
(10) We recommend installing a bypass line in your ap-
plication if there is a mode where potential difference be-
tween each output and input (VCC) or GND is reversed
from the normal state.
FThermal derating characteristic curve


유사한 부품 번호 - BA3918

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BA3918 ETC2-BA3918 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - BA3918

제조업체부품명데이터시트상세설명
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com