전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA4558 데이터시트(PDF) 2 Page - Rohm

부품명 BA4558
상세설명  Dual operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA4558 데이터시트(HTML) 2 Page - Rohm

  BA4558 Datasheet HTML 1Page - Rohm BA4558 Datasheet HTML 2Page - Rohm BA4558 Datasheet HTML 3Page - Rohm BA4558 Datasheet HTML 4Page - Rohm BA4558 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Standard ICs
BA4558 / BA4558F / BA4558N
Internal circuit configuration
VCC
– IN
+ IN
VEE
R1
R9
R8
R7
R6
R5
R4
R3
R2
Q5
Q13
Q15
Q11
Q12
Q14
Q8
Q9
Q10
Q6
Q4
Q3
Q2
Q1
Q7
OUT
D
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
BA4558
BA4558F
BA4558N
Power supply voltage
VCC
± 18
± 18
± 18
V
Power dissipation
800
550
900
mW
Differential input voltage
VID
± 30
± 30
± 30
V
Common-mode input voltage
VI
± 15
± 15
± 15
V
Operating temperature
Topr
– 40 ~ + 85
– 40 ~ + 85
– 40 ~ + 85
°C
Storage temperature
– 55 ~ + 125 – 55 ~ + 125 – 55 ~ + 125
°C
Pd
Tstg
Refer to Pd characteristics diagram.
The values for the BA4558F are those when it is mounted on a glass epoxy board ( 50mm
× 50mm × 1.6mm) .


유사한 부품 번호 - BA4558

제조업체부품명데이터시트상세설명
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
173Kb / 3P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
BA4558 ETC2-BA4558 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA4558F ROHM-BA4558F Datasheet
173Kb / 3P
   Dual Operational Amplifier
BA4558F ROHM-BA4558F Datasheet
250Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4558F ROHM-BA4558F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
More results

유사한 설명 - BA4558

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com