전자부품 데이터시트 검색엔진 |
|
BA4560 데이터시트(PDF) 4 Page - Rohm |
|
BA4560 데이터시트(HTML) 4 Page - Rohm |
4 / 4 page 4 Standard ICs BA4560 / BA4560F / BA4560N •Operation notes (1) Handling unused circuits If there are any circuits which are not being used, we recommend making connections as shown in Figure 9, with the non-inverted input pin connected to the potential within the in-phase input voltage range (VICM). – + To potential in VICM VEE VCC Fig.9 Unused circuit connections •Exteral dimensions (Units: mm) BA4560F BA4560N BA4560 DIP8 SOP8 SIP8 0.5 ± 0.1 85 14 9.3 ± 0.3 0.3 ± 0.1 2.54 0 ° ~ 15° 7.62 0.4 ± 0.1 1.27 0.15 0.3Min. 5.0 ± 0.2 85 4 1 1 8 2.54 1.3 0.8 0.6 0.3 ± 0.1 2.8 ± 0.2 19.3 ± 0.2 |
유사한 부품 번호 - BA4560 |
|
유사한 설명 - BA4560 |