전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA51W12SAT 데이터시트(PDF) 3 Page - Rohm

부품명 BA51W12SAT
상세설명  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA51W12SAT 데이터시트(HTML) 3 Page - Rohm

  BA51W12SAT Datasheet HTML 1Page - Rohm BA51W12SAT Datasheet HTML 2Page - Rohm BA51W12SAT Datasheet HTML 3Page - Rohm BA51W12SAT Datasheet HTML 4Page - Rohm BA51W12SAT Datasheet HTML 5Page - Rohm BA51W12SAT Datasheet HTML 6Page - Rohm BA51W12SAT Datasheet HTML 7Page - Rohm BA51W12SAT Datasheet HTML 8Page - Rohm BA51W12SAT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA51W12SAT
Regulator ICs
!
!
!
!
Input / output circuits
CTL (5pin)
GND (3pin)
25k
25k
OUT1, 2
VCC (2pin)
1, 4pin
12.4k (1pin)
6k (4pin)
2k
GND (3pin)
!
!
!
!
Electrical characteristics (unless otherwise noted, Ta=25
°C, VCC=14.0V)
Parameter
Symbol
Min.
IST
Ib
VO1
∆VO1
IO1
R.R1
Reg.I1
Reg.L1
IOS1
VO2
∆VO2
IO2
R.R2
Reg.I2
Reg.L2
IOS2
Vth1
Vth2
IIN
-
-
8.55
-
1.0
-
-
-
-
4.75
-
500
-
-
-
-
2.0
-
-
Typ.
0
3.0
9.0
0.3
-
55
50
100
150
5.0
0.3
-
60
50
50
100
-
-
150
Max.
Unit
10
µA
5.0
mA
9.45
V
0.5
V
-A
-dB
100
mV
150
mV
-mA
5.25
V
0.5
V
-mA
-dB
100
mV
100
mV
-mA
-V
0.8
V
-
µA
Conditions
Test circuit
Fig.4
Fig.4
Fig.1
Fig.3
Fig.1
Fig.2
Fig.1
Fig.1
Fig.5
Fig.1
Fig.3
Fig.1
Fig.2
Fig.1
Fig.1
Fig.5
Fig.6
Fig.6
Fig.7
Power save supply current
Bias current
<9V output section> (Output 1)
Output voltage 1
Minimum I / O voltage differential 1
Output current capacity 1
Ripple rejection ratio 1
Input stabillty 1
Load regulation 1
Output short-circuit current 1
<5V output section> (Output 2)
Output voltage 2
Minimum I / O voltage differential 2
Output current capacity 2
Ripple rejection ratio 2
Input stabillty 2
Load regulation 2
Output short-circuit current 2
<Switch section>
ON mode voltage
OFF mode voltage
Input high level current
OFF mode
ON mode
IO1=500mA
IO1=500mA VCC=8.55V
IO1=500mA, f=120Hz
eIN=1Vrms
VCC=10
→25V, IO=500mA
IO=5mA
→1A
VCC=25V
IO2=350mA
IO2=350mA VCC=4.75V
IO2=350mA, f=120Hz
eIN=1Vrms
VCC=6
→25V, IO=350mA
IO=5mA
→500mA
VCC=25V
Output ACTIVE mode
Output OFF mode
Vth=5V
Note) All the characteristic values are measured with a 0.33
µF-capacitor connected the input pin and 22µF-capacitor connected to the output pin.
Measurements are made by using a plus (tw
≤10ms, duty cycle≤5%) in all cases but noise voltage and the ripple rejection ratio.
Not designed for radiation resistance.


유사한 부품 번호 - BA51W12SAT

제조업체부품명데이터시트상세설명
logo
Rohm
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
More results

유사한 설명 - BA51W12SAT

제조업체부품명데이터시트상세설명
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
   Dual output voltage regulator with power saving
BA41W12SAT ROHM-BA41W12SAT Datasheet
74Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com