전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0003096061 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 0003096061
상세설명  2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row, Panel Mount, Black
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX1 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0003096061 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  0003096061 Datasheet HTML 1Page - Molex Electronics Ltd. 0003096061 Datasheet HTML 2Page - Molex Electronics Ltd. 0003096061 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


유사한 부품 번호 - 0003096061

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0003096021 MOLEX1-0003096021 Datasheet
214Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mountin Ears, With Ramps, Black
0003096021 MOLEX1-0003096021 Datasheet
39Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 2 Circuits
0003096021 MOLEX1-0003096021_18 Datasheet
39Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 2 Circuits
0003096032 MOLEX1-0003096032 Datasheet
159Kb / 4P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com