전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6110 데이터시트(PDF) 1 Page - Rohm

부품명 BA6110
상세설명  Voltage controlled operational amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6110 데이터시트(HTML) 1 Page - Rohm

  BA6110 Datasheet HTML 1Page - Rohm BA6110 Datasheet HTML 2Page - Rohm BA6110 Datasheet HTML 3Page - Rohm BA6110 Datasheet HTML 4Page - Rohm BA6110 Datasheet HTML 5Page - Rohm BA6110 Datasheet HTML 6Page - Rohm BA6110 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BA6110FS
Standard ICs
Voltage controlled operational amplifier
BA6110FS
The BA6110FS is a low-noise, low-offset programmable operational amplifier. Offering superb linearity over a broad
range, this IC is designed so that the forward direction conductivity (gm) can be changed, making it ideal for applications
such as voltage control amplifiers (VCA), voltage control filters (VCF) and voltage control oscillators (VCO).
Distortion reduction circuitry improves the signal-to-noise ratio by a significant 10dB at a distortion rate of 0.5% in
comparison with products not equipped with this feature. When used as a voltage control amplifier (VCA), a high S / N
ratio of 86dB can be achieved at a distortion rate of 0.5%.
The open loop gain is determined by the control current and an attached gain determining resistance RL, enabling a wide
range of settings.
In addition, a built-in low-impedance output buffer circuit reduces the number of attachments.
!Applications
Electronic volume controls
Voltage-controlled impedances
Voltage-controlled amplifiers (VCA)
Voltage-controlled filters (VCF)
Voltage-controlled oscillators (VCO)
Multipliers
Sample holds
Schmitt triggers
!Features
1) Low distortion rate.
(built-in distortion reduction bias diode)
2) Low noise.
3) Low offset voltage. (VIO = 3m VMax).
4) Built-in output buffer.
5) Variable gm with superb linearity across three decade
fields.
!
!
!
!Block diagram
12345678
16
15
14
13
12
11
10
9
+
BUFFER
VCC
1 / 2
1 / 2
BA6110FS


유사한 부품 번호 - BA6110

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BA611 ETC1-BA611 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
More results

유사한 설명 - BA6110

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSM2014 ETC-SSM2014 Datasheet
359Kb / 10P
   OPERATIONAL VOLTAGE CONTROLLED ELEMENT
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
   High Voltage Operational Amplifier
11/1/2021
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
   High Voltage Operational Amplifier
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
Microsemi Corporation
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com