전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6407 데이터시트(PDF) 3 Page - Rohm

부품명 BA6407
상세설명  2-phase half-wave motor driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6407 데이터시트(HTML) 3 Page - Rohm

  BA6407 Datasheet HTML 1Page - Rohm BA6407 Datasheet HTML 2Page - Rohm BA6407 Datasheet HTML 3Page - Rohm BA6407 Datasheet HTML 4Page - Rohm BA6407 Datasheet HTML 5Page - Rohm BA6407 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
702
Motor driver ICs
BA6407AF
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 12V)
FLock detection
The automatic restart circuit detects a motor lock condi-
tion and automatically turns off the output current. When
the lock condition is cleared, the IC automatically restarts
and allow the motor to run.
In the BA6407AF, automatic restart is performed as fol-
lows.
A motor lock condition is detected when the Hall signal
stops switching.
The output is ON when the LD pin is being charged, and
OFF when the pin is being discharged.
S The AL pin is ON during normal operation, and OFF
when the motor is locked.
S The AL pin is an open collector output.
Output ON time (TON) and OFF time (TOFF) determined by
the LD capacitor
where
C is the capacitance of the LD-pin external capacitor,
VLDCL is the LD-pin clamp voltage (2.48V),
VLDCP is the LD-pin comparator voltage (0.99V),
ILDC is the LD-pin charge current (3.4
µA),
ILDC is the LD-pin discharge current (0.79
µA).
ILDC
TON (Charge time)=
C
S (VLDCL*VLDCP)
ILDD
TOFF (Discharge time)=
C
S (VLDCL*VLDCP)
(Typical value)


유사한 부품 번호 - BA6407

제조업체부품명데이터시트상세설명
logo
Rohm
BA6402 ROHM-BA6402 Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
   2-phase half-wave motor predriver
BA6406 ROHM-BA6406 Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
More results

유사한 설명 - BA6407

제조업체부품명데이터시트상세설명
logo
Rohm
BA6809F ROHM-BA6809F Datasheet
88Kb / 6P
   2-phase half-wave motor driver
logo
Fairchild Semiconductor
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
Sanyo Semicon Device
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
   2-Phase Half-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com