전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7357 데이터시트(PDF) 4 Page - Rohm

부품명 BA7357
상세설명  VIF / SIF signal processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7357 데이터시트(HTML) 4 Page - Rohm

  BA7357 Datasheet HTML 1Page - Rohm BA7357 Datasheet HTML 2Page - Rohm BA7357 Datasheet HTML 3Page - Rohm BA7357 Datasheet HTML 4Page - Rohm BA7357 Datasheet HTML 5Page - Rohm BA7357 Datasheet HTML 6Page - Rohm BA7357 Datasheet HTML 7Page - Rohm BA7357 Datasheet HTML 8Page - Rohm BA7357 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Video ICs
BA7357S
Equivalent circuits
VCC and VCC2 in the equivalent circuit diagrams are connected to the Vreg terminal (pin 18).
AFT output.
Vreg / GND push-pull output.
RFAGC output.
Open-collector output. Gain can be
set using an external resistor
(minimum value of the maximum sink
current of pin 2 is 0.7mA) . Keep the
pin 2 voltage at 10.5V or less.
RFAGC delay point adjustment.
Connect to GND via a variable
resistor (approx. 100k
Ω).
For filter time constant for VIFAGC.
2.7V
(when 100k
resistor
connected)
1
AFTOUT
OUT
OUT
5.0V
——
0V
2
RFAGC
3
AGCADJ
4
AGCFLT
5
GND1
Pin name
Pin No.
IN / OUT Standard voltage
Function
Equivalent circuit
GND terminal for VIF, AGC and AFT.
VCC
GND
500
1k
1
500
2
VCC
GND
4k
3
VCC
GND
4.5k
4k
25.2k
1k
4
400
VCC
GND


유사한 부품 번호 - BA7357

제조업체부품명데이터시트상세설명
logo
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7356S ROHM-BA7356S Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
More results

유사한 설명 - BA7357

제조업체부품명데이터시트상세설명
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
logo
Panasonic Semiconductor
AN5160NK PANASONIC-AN5160NK Datasheet
184Kb / 3P
   VIF SIF VIDEO COLOR AND SYNCHRONOUS SIGNAL PROCESSOR IC
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com