전자부품 데이터시트 검색엔진 |
|
BA7613F 데이터시트(PDF) 2 Page - Rohm |
|
BA7613F 데이터시트(HTML) 2 Page - Rohm |
2 / 5 page 2 Multimedia ICs BA7613N / BA7613F •Absolute maximum ratings (Ta = 25°C) Parameter Symbol Unit VCC ∗113.5 / ∗210.0 V mW Topr °C Tstg °C ∗1900∗3 / ∗2550∗4 – 25 ~ + 75 – 55 ~ + 125 Pd Limits Power supply voltage Power dissipation Operating temperature Storage temperature ∗1 BA7613N. ∗2 BA7613F. ∗3 Reduced by 9.0mW for each increase in Ta of 1°C over 25°C. ∗4 Reduced by 5.5mW for each increase in Ta of 1°C over 25°C. •Equivalent circuits 100 1.2 µA 100 µA VCC IN CLAMP INPUT 100 20k 50k 34k VCC CTLA / CTLB CTLA / CTLB 32 VCC OUT OUTPUT Output impedance: 32 Ω [Typ.] |
유사한 부품 번호 - BA7613F |
|
유사한 설명 - BA7613F |