전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7626 데이터시트(PDF) 8 Page - Rohm

부품명 BA7626
상세설명  Video signal switcher for AV amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7626 데이터시트(HTML) 8 Page - Rohm

  BA7626 Datasheet HTML 1Page - Rohm BA7626 Datasheet HTML 2Page - Rohm BA7626 Datasheet HTML 3Page - Rohm BA7626 Datasheet HTML 4Page - Rohm BA7626 Datasheet HTML 5Page - Rohm BA7626 Datasheet HTML 6Page - Rohm BA7626 Datasheet HTML 7Page - Rohm BA7626 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Multimedia ICs
BA7626 / BA7626F
Application example
VOUT1
1IN1
MONOUT
FRONT
75
2.2
µ
GND
IN5
GND
IN4
CTL E
IN3
CTL A
VCC
IN2
CTL B
CTL C
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
VOUT2
CTL D
75
2.2
470
µ
75
2.2
47
µ
103
A933
+ 5.0V
REAR
75
2.2
µ
75
2.2
µ
F / R
CTL
REC
CTL
AUX
75
470
µ
100
VCC
BS
LD
MON
CTL
75
VCC
75
470
µ
VCC
100
TV
VTR
OUT
IN1
VTR
OUT
IN2
100
+
+
+
+
+
+
+
+
+
External dimensions (Units: mm)
SOP16
BA7626
BA7626F
DIP16
0.3 ± 0.1
9
16
8
1
0.5
± 0.1
19.4
± 0.3
2.54
0
° ~ 15°
7.62
0.4
± 0.1
1.27
0.15
0.3Min.
1
16
10.0
± 0.2
8
9


유사한 부품 번호 - BA7626

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BA7626 ETC2-BA7626 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA7626F ROHM-BA7626F Datasheet
157Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626F ROHM-BA7626F Datasheet
717Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626FS ROHM-BA7626FS Datasheet
157Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
BA7626FS ROHM-BA7626FS Datasheet
717Kb / 5P
   Five inputs Dual Circuits Video Signal Switchers
More results

유사한 설명 - BA7626

제조업체부품명데이터시트상세설명
logo
Rohm
BA7625 ROHM-BA7625 Datasheet
97Kb / 8P
   Video signal switcher for AV amplifiers
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com