전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7644 데이터시트(PDF) 3 Page - Rohm

부품명 BA7644
상세설명  Video signal switcher
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7644 데이터시트(HTML) 3 Page - Rohm

  BA7644 Datasheet HTML 1Page - Rohm BA7644 Datasheet HTML 2Page - Rohm BA7644 Datasheet HTML 3Page - Rohm BA7644 Datasheet HTML 4Page - Rohm BA7644 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Multimedia ICs
BA7644AN
Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
13.0
V
ICC
9.5
14.5
mA
3.0
3.5
GV
– 0.5
0
CTin
– 65
– 55
dB
Cf
– 3.0
0
THD
0.007
%
ZIN
14
20
26
k
1.0
2.0
3.0
V
1.0
2.0
3.0
V
1.0
2.0
3.0
V
Vom
dB
dB
dB
VTH-A
VTH-B
VTH-C
VP-P
IN - IN
IN - MUTE
f = 1kHz, THD = 0.5%
f = 1MHz, VIN = 1.0VP-P
f = 4.43MHz, VIN = 1.0VP-P
f = 4.43MHz, VIN = 1.0VP-P
f = 1kHz, VIN = 1.0VP-P
f = 10MHz / 1MHz,
VIN = 1.0VP-P
CTM
1.0
0.5
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel
crosstalk
Frequency characteristic
Total-harmonic distortion
Input impedance
CTL pin switching level A
CTL pin switching level B
CTL pin switching level C
Not designed for radiation resistance.
Measurement circuit
LOGIC
MUTE
V
SW1
OSC
1
µF
1 23
SW2
OSC
1
µF
1 23
SW4
OSC
1
µF
1 23
SW3
OSC
1
µF
1 23
SW5
VCC
VCC
VCC
VCC
P - P
SW6
SW7
12 3
12 3
12 3
V
V
V
A
1
2
3
4
5
6
7
8
9
10
Fig. 1
+
V
~
~
~
~


유사한 부품 번호 - BA7644

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BA7644AN ETC2-BA7644AN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - BA7644

제조업체부품명데이터시트상세설명
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com