전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7655A 데이터시트(PDF) 2 Page - Rohm

부품명 BA7655A
상세설명  Dual Voltage-controlled Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7655A 데이터시트(HTML) 2 Page - Rohm

  BA7655A Datasheet HTML 1Page - Rohm BA7655A Datasheet HTML 2Page - Rohm BA7655A Datasheet HTML 3Page - Rohm BA7655A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Multimedia ICs
BA7655A / BA7655AF
Pin descriptions
Pin name
1
IN1
Input 1
2
CTL1
Control 1
3
OUT1
Output 1
4
GND
GND
5
OUT2
Output 2
6
CTL2
Control 2
7
IN2
Input 2
8VCC
Power supply
Pin No.
Function
Input circuits
2, 6
1, 7
3, 5
VCC
VCC
40k
40k
VCC
(Typ.)
(Typ.)
3.0V (Typ.)
1m (Typ.)
2.5V (Typ.)
Absolute maximum ratings
Parameter
Symbol
Unit
Power supply voltage
VCCMax.
8.0
V
Power dissipation
Pd
500 (BA7655A : DIP8)1
350 (BA7655AF : SOP8)2
mW
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
– 20 ~ + 80
– 55 ~ + 125
1 Reduced by 5.0mW for each increase in Ta of 1°C over 25°C.
2 Reduce by 3.5mW for each increase in Ta of 1°C over 25°C, when mounted on a 50mm × 50mm.
Limits
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
4.5 ~ 5.5
V


유사한 부품 번호 - BA7655A

제조업체부품명데이터시트상세설명
logo
Rohm
BA7652AF ROHM-BA7652AF Datasheet
65Kb / 6P
   Video signal swither, 1 x 3-channel with clamped-input
BA7652AF ROHM-BA7652AF Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF Datasheet
491Kb / 10P
   Single Circuit Video Signal Switcher
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF Datasheet
64Kb / 6P
   Video signal switcher, 1 x 3-channel with clamped-input
More results

유사한 설명 - BA7655A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
   DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Curtis Electromusic.
CEM3330 CES-CEM3330 Datasheet
3Mb / 8P
   Dual Voltage Controlled Amplifier
logo
JSC ALFA.
AS3330 ALFA-AS3330 Datasheet
391Kb / 3P
   Dual Voltage Controlled Amplifier (VCA)
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
   Dual Voltage Controlled Amplifier (VCA)
logo
List of Unclassifed Man...
SSM2020 ETC-SSM2020 Datasheet
242Kb / 4P
   DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2022 ETC-SSM2022 Datasheet
210Kb / 3P
   DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
logo
Analog Devices
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
logo
Teledyne Technologies I...
AGC1053 TELEDYNE-AGC1053 Datasheet
138Kb / 8P
   Voltage-Controlled AGC Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com