전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA7780 데이터시트(PDF) 10 Page - Rohm

부품명 BA7780
상세설명  Stereo zoom microphone amplifier for camcorders
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA7780 데이터시트(HTML) 10 Page - Rohm

Back Button BA7780 Datasheet HTML 2Page - Rohm BA7780 Datasheet HTML 3Page - Rohm BA7780 Datasheet HTML 4Page - Rohm BA7780 Datasheet HTML 5Page - Rohm BA7780 Datasheet HTML 6Page - Rohm BA7780 Datasheet HTML 7Page - Rohm BA7780 Datasheet HTML 8Page - Rohm BA7780 Datasheet HTML 9Page - Rohm BA7780 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Operation notes
Points to note regarding zoom operation
When using a microprocessor to vary the voltages on pins 29 and
30 after presetting the electronic volume sensitivity and control volt-
age range, and with the pin 27 and 28 voltage fixed at a certain
level, it is possible to minimize drift in the zoom characteristics due
to tempreature fluctuations and differences between individual ICs
by setting the pin 27 and 28 voltages using resistive voltage divider
circuits connected to the pin 4 regulator voltage output.
10
Video ICs
BA7780KV
Electrical characteristic curves
29, 30pin CONTROL VOLTAGE: VCTL (V)
– 20
0.1
– 15
– 10
– 5
0
0.6
1.1
1.6
2.1
28pin
1.64V
1.84V
1.94V
2.04V
28pin
1.64V
1.84V
1.94V
2.04V
Ta = 25
°C
12
→13, 37→36pin
52
→13, 52→36pin
0
2.2
Fig. 4 Zoom control slope variation
characteristics
4
27
28
Fig. 3
29, 30pin CONTROL VOLTAGE: VCTL (V)
– 20
0.1
– 15
– 10
– 5
0
0.6
1.1
1.6
2.1
27pin
1.67V
1.87V
1.67V
Ta = 25
°C
12
→13, 37→36pin
52
→13, 52→36pin
2.07V
1.87V
27pin
1.67V
0
2.2
Fig. 5 Zoom control position variation
characteristics
External dimensions (Units: mm)
VQFP64
48
33
32
17
16
1
49
64
10.0
± 0.2
12.0
± 0.3
0.2
± 0.1
0.5
0.125
± 0.1
0.10


유사한 부품 번호 - BA7780

제조업체부품명데이터시트상세설명
logo
Rohm
BA7781 ROHM-BA7781 Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7786FP-Y ROHM-BA7786FP-Y Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
BA7787FS ROHM-BA7787FS Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
More results

유사한 설명 - BA7780

제조업체부품명데이터시트상세설명
logo
Rohm
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
logo
List of Unclassifed Man...
BH7870AKV ETC-BH7870AKV Datasheet
96Kb / 2P
   STEREO ZOOM MICROPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
   stereo CODEC with built-in Microphone-Amplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Fairchild Semiconductor
FAN3800 FAIRCHILD-FAN3800 Datasheet
289Kb / 9P
   Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
Sanyo Semicon Device
LA7293M SANYO-LA7293M Datasheet
55Kb / 2P
   Microphone Amplifier for Video Cameras
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com