전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4028B 데이터시트(PDF) 3 Page - Rohm

부품명 BU4028B
상세설명  BCD-to-decimal decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4028B 데이터시트(HTML) 3 Page - Rohm

  BU4028B Datasheet HTML 1Page - Rohm BU4028B Datasheet HTML 2Page - Rohm BU4028B Datasheet HTML 3Page - Rohm BU4028B Datasheet HTML 4Page - Rohm BU4028B Datasheet HTML 5Page - Rohm BU4028B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Standard ICs
BA4028B
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VDD (V)
Input high level voltage
VIH
3.5
——
V
5
Fig.1
7.0
——
10
11.0
——
15
Input low level voltage
VIL
——
1.5
V
5
Fig.1
——
3.0
10
——
4.0
15
Input high level current
IIH
——
0.3
µA15
VIH = 15V
Fig.1
Input low level current
IIL
– 0.3
µA15
VIL = 0V
Fig.1
Output high level voltage
VOH
4.95
——
V
5
Fig.1
9.95
——
10
14.95
——
15
Output low level voltage
VOL
——
0.05
V
5
IO = 0mA
Fig.1
——
0.05
10
——
0.05
15
Output high level current
IOH
– 0.16
——
mA
5VOH = 4.6V
Fig.1
– 0.4
——
10
VOH = 9.5V
– 1.2
——
15
VOH = 13.5V
Output low level current
IOL
0.44
——
mA
5VOL = 0.4V
FIg.1
1.1
——
10
VOL = 0.5V
3.0
——
15
VOL = 1.5V
Static current dissipation
IDD
——
1
µA
5
VI = VDD or GND
——
210
——
415
IO = 0mA
Measurement
circuit
Electrical characteristics
DC characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)


유사한 부품 번호 - BU4028B

제조업체부품명데이터시트상세설명
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028B-E2 ROHM-BU4028B-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028BF ROHM-BU4028BF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028BF-E2 ROHM-BU4028BF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028BFV ROHM-BU4028BFV Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4028B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com