전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4053BCF 데이터시트(PDF) 5 Page - Rohm

부품명 BU4053BCF
상세설명  Triple 2-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4053BCF 데이터시트(HTML) 5 Page - Rohm

  BU4053BCF Datasheet HTML 1Page - Rohm BU4053BCF Datasheet HTML 2Page - Rohm BU4053BCF Datasheet HTML 3Page - Rohm BU4053BCF Datasheet HTML 4Page - Rohm BU4053BCF Datasheet HTML 5Page - Rohm BU4053BCF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Standard ICs
BU4053BC / BU4053BCF / BU4053BCFV
Electrical characteristic curve
AMBIENT TEMPERATURE: Ta (
°C)
Fig. 8 Power dissipation vs. Ta
1200
DIP16
SOP16
SSOP-B16
1000
800
600
400
200
0
025
50
75
100
125
150
GND
A
B
C
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
VDD
OUT
CL
P.G.
RL
Input
Output
50%
50%
10%
tPZL
tPLZ
Fig. 6 Propagation delay time (CONT, INH to OUT)
GND
VEE
VEE
VEE
A
B
C
INH
GND
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
CL
~
V
~
D
RL
VCONTROL
Fig. 7 Maximum propagation frequency, feedthrough,
sine wave distortion


유사한 부품 번호 - BU4053BCF

제조업체부품명데이터시트상세설명
logo
Rohm
BU4053BCF ROHM-BU4053BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCF ROHM-BU4053BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCF-E2 ROHM-BU4053BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCF-E2 ROHM-BU4053BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCFV ROHM-BU4053BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4053BCF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com