전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4528 데이터시트(PDF) 4 Page - Rohm

부품명 BU4528
상세설명  Dual monostable multivibrator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4528 데이터시트(HTML) 4 Page - Rohm

  BU4528 Datasheet HTML 1Page - Rohm BU4528 Datasheet HTML 2Page - Rohm BU4528 Datasheet HTML 3Page - Rohm BU4528 Datasheet HTML 4Page - Rohm BU4528 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Standard ICs
BU4528B / BU4528BF
P.G.
P.G.
P.G.
CX
CL
CL
RX
VDD
RESET
A
B
Q
Q
VDD
T2
T1
Fig. 1 Switching time measurement circuit
VSS
Measurement circuits
A
B
RESET
Q
Q
50%
90%
50%
10%
20ns
20ns
50%
50%
50%
50%
50%
50%
50%
20ns
20ns
trr
90%
10%
90%
50%
10%
20ns
20ns
tPLH
tPHL
tPHL
tWOUT
tPLH
tf
tr
tr
tPHL
tf
tPHL
90%
90%
10%
50%
10%
90%
50%
tWOUT
10%
Fig. 2 Switching time waveform


유사한 부품 번호 - BU4528

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BU4522AF PHILIPS-BU4522AF Datasheet
53Kb / 7P
   Silicon Diffused Power Transistor
December 1997-Rev 1.000
logo
Inchange Semiconductor ...
BU4522AF ISC-BU4522AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4522AX PHILIPS-BU4522AX Datasheet
54Kb / 7P
   Silicon Diffused Power Transistor
December 1997 Rev 1.000
BU4522DF PHILIPS-BU4522DF Datasheet
20Kb / 4P
   Silicon Diffused Power Transistor
July 1998 Rev 1.000
BU4522DX PHILIPS-BU4522DX Datasheet
23Kb / 4P
   Silicon Diffused Power Transistor
July 1998 Rev 1.000
More results

유사한 설명 - BU4528

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com