전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF2002-GD10A 데이터시트(PDF) 1 Page - Rohm

부품명 KF2002-GD10A
상세설명  Compact medium speed thick film thermal printhead (8 dots / mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

KF2002-GD10A 데이터시트(HTML) 1 Page - Rohm

  KF2002-GD10A Datasheet HTML 1Page - Rohm KF2002-GD10A Datasheet HTML 2Page - Rohm KF2002-GD10A Datasheet HTML 3Page - Rohm KF2002-GD10A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Printheads
Compact medium speed thick film
thermal printhead (8 dots / mm)
KF2002-GD10A
The KF2002-GD10A is a standard 24 V thick-film thermal printhead with a printing speed of 4 inches / second, developed
mainly for label printers. The GD series is of the glazed component type and therefore excellent for thermal transfer printing.
FApplications
Label printers
Ticket printers
Terminal printers
FFeatures
1) A new pin connector structure greatly reduces the size and weight.
2) A newly developed driving IC improves data transmission speed (8 MHz)
and ON resistance (half of the conventional product) to support various con-
trol methods.
3) One rank resistance value of 800
Ω ± 3% eliminates the inconvenience of
rank selection.
4) 2-inch, 3-inch and 4-inch series are available.
FExternal dimensions (Units: mm)


유사한 부품 번호 - KF2002-GD10A

제조업체부품명데이터시트상세설명
logo
Rohm
KF2002-GD31A ROHM-KF2002-GD31A Datasheet
72Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots /mm)
More results

유사한 설명 - KF2002-GD10A

제조업체부품명데이터시트상세설명
logo
Rohm
KD2003-DF10A ROHM-KD2003-DF10A Datasheet
62Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2004-DF10A ROHM-KD2004-DF10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2002-DF10A ROHM-KD2002-DF10A_07 Datasheet
155Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GC10A ROHM-KF2003-GC10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GC10A ROHM-KF2004-GC10A Datasheet
174Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GD10A ROHM-KF2003-GD10A Datasheet
177Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GD10A ROHM-KF2004-GD10A Datasheet
176Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2005-GD45A ROHM-KF2005-GD45A Datasheet
70Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2003-DF11A ROHM-KD2003-DF11A Datasheet
82Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GC10A ROHM-KF2002-GC10A Datasheet
180Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com