전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-203MB 데이터시트(PDF) 2 Page - Rohm

부품명 LB-203MB
상세설명  High efficiency, three-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LB-203MB 데이터시트(HTML) 2 Page - Rohm

  LB-203MB Datasheet HTML 1Page - Rohm LB-203MB Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LB-203BL Series
LED displays
!Internal circuit schematic (example of common cathode)
5
D.P
9
g
12
f
2
e
3
d
4
c
10
b
11
a
Dig.3
7
Dig.2
8
Dig.1
1
!Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LB-203VB / VL
Unit
mW
mW
mA
mA
V
˚C
˚C
960
40
15
60∗
3
Orange
LB-203DB / DL
960
40
15
60∗
3
Yellow
LB-203YB / YL
960
40
15
60∗
3
Green
LB-203MB / ML
960
60
15
60∗
3
−25∼+75
−30∼+85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Pulse width 1ms duty 1 / 5
!Electrical and optical characteristics
(Ta=25
°C)
Not designed for radiation resistance.
Symbol
Unit
Parameter
Red
Spectral line half
width
∆λ
nm
Peak wavelength
λP
nm
Reverse current
IR
µA
Forward voltage
VF
Conditions
IF
=10mA
IF
=10mA
VR
=3V
IF
=10mA
Min.
40
650
2.0
Typ.
100
2.8
Max.
Orange
Min.
40
610
2.0
Typ.
100
2.8
Max.
Yellow
Min.
40
585
2.1
Typ.
100
2.8
Max.
Green
Min.
40
563
2.1
Typ.
100
2.8
Max.
V
!Luminous intensity
λP
Unit
Color
Red
650
Type
LB-203VL
LB-203VB
Min.
2.2
Typ.
6.3
Max.
mcd
Orange
610
LB-203DL
LB-203DB
2.2
6.3
mcd
Yellow
585
LB-203YL
LB-203YB
2.2
6.3
mcd
Green
563
LB-203ML
LB-203MB
2.2
6.3
mcd
Note : Measured at IF=10mA


유사한 부품 번호 - LB-203MB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
More results

유사한 설명 - LB-203MB

제조업체부품명데이터시트상세설명
logo
Rohm
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com