전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-19193-030 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-19193-030
상세설명  VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19193-030 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-19193-030 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19193-030 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19193-030 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930320
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 2 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
3/4" (M18)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
2
Material Info
Old Part Number
G-377-34
Reference - Drawing Numbers
Sales Drawing
SD-19193-030
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900010
Hand Crimp Tool
0640013900
Manual tool for
Crimping non-
insulated 8AWG thru
4/0 Terminals
0192940008
Putt Pump Dieless
Head System
0192860065


유사한 부품 번호 - SD-19193-030

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-19193-031 MOLEX4-SD-19193-031 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
SD-19193-032 MOLEX4-SD-19193-032 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
SD-19193-032 MOLEX4-SD-19193-032 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
SD-19193-036 MOLEX4-SD-19193-036 Datasheet
94Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
SD-19193-036 MOLEX4-SD-19193-036 Datasheet
95Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
More results

유사한 설명 - SD-19193-030

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0191930303 MOLEX4-0191930303 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930307 MOLEX4-0191930307 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930297 MOLEX4-0191930297 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930298 MOLEX4-0191930298 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930302 MOLEX4-0191930302 Datasheet
89Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930296 MOLEX4-0191930296 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930299 MOLEX4-0191930299 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930309 MOLEX4-0191930309 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930342 MOLEX4-0191930342 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930350 MOLEX4-0191930350 Datasheet
86Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com