전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-19121-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-19121-001
상세설명  InsulKrimp??Flanged Spade Tongue Terminal for 14-16 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19121-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-19121-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19121-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19121-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191210029
Status:
Active
Description:
InsulKrimp™ Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 8, Mylar
Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19121
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Spade
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Stud Size
8 (M4)
Wire Insulation Diameter
4.45mm (.175")
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.50
Material Info
Old Part Number
BB-216-08XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19121-001
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19121Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880123
Mini-Mac™
Applicator
0638850400


유사한 부품 번호 - SD-19121-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-19121-001 MOLEX4-SD-19121-001 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal
SD-19121-001 MOLEX4-SD-19121-001 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal
More results

유사한 설명 - SD-19121-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0191440020 MOLEX4-0191440020 Datasheet
149Kb / 3P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440018 MOLEX4-0191440018 Datasheet
149Kb / 3P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440026 MOLEX4-0191440026 Datasheet
148Kb / 2P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440015 MOLEX4-0191440015 Datasheet
149Kb / 3P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440024 MOLEX4-0191440024 Datasheet
148Kb / 2P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191210028 MOLEX4-0191210028 Datasheet
131Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0191210026 MOLEX4-0191210026 Datasheet
131Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0191180059 MOLEX4-0191180059 Datasheet
93Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 14-16 AWG Wire
0191210030 MOLEX4-0191210030 Datasheet
131Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 10Length 20.19mm (.795")
0191210031 MOLEX4-0191210031 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com