전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4401 데이터시트(PDF) 3 Page - Rohm

부품명 2N4401
상세설명  NPN Medium Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2N4401 데이터시트(HTML) 3 Page - Rohm

  2N4401 Datasheet HTML 1Page - Rohm 2N4401 Datasheet HTML 2Page - Rohm 2N4401 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UMT4401 / SST4401 / MMST4401 / 2N4401
Transistors
1
10
100
1000
0.8
1.2
1.8
1.6
0.4
0
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
VCE
=10V
Fig.7 Grounded emitter propagation
characteristics
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic
(mA)
Ta
=25°C
IC / IB
=10
VCC
=30V
10V
Fig.8 Turn-on time vs. collector
current
1.0
10
100
1000
100
500
5
10
COLLECTOR CURRENT : Ic
(mA)
Ta
=25°C
VCC
=30V
IC / IB
=10
Fig.9 Rise time vs. collector
current
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
VCC
=30V
IC
=10IB1=10IB2
Fig.10 Storage time vs. collector
current
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
VCC
=30V
IC
=10IB1=10IB2
Fig.11 Fall time vs. collector
current
0.1
1.0
10
100
10
100
1
REVERSE BIAS VOLTAGE(V)
Ta
=25°C
f
=1MHz
Cib
Cob
Fig.12 Input / output capacitance
vs. voltage
1
10
100
1000
10
1
100
0.1
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
100MHz
200MHz
250MHz 300MHz
250MHz
Fig.13 Gain bandwidth product
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic
(mA)
Ta
=25°C
VCE
=10V
Fig.14 Gain bandwidth product
vs. collector current


유사한 부품 번호 - 2N4401

제조업체부품명데이터시트상세설명
logo
SHENZHEN YONGERJIA INDU...
2N4401 WINNERJOIN-2N4401 Datasheet
138Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
2N4401 ONSEMI-2N4401 Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
logo
Continental Device Indi...
2N4401 CDIL-2N4401 Datasheet
153Kb / 6P
   NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SeCoS Halbleitertechnol...
2N4401 SECOS-2N4401 Datasheet
324Kb / 2P
   NPN Transistor Plastic-Encapsulate Transi stors
More results

유사한 설명 - 2N4401

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com