전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-35318-1220 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-35318-1220
상세설명  4.20mm (.165") Pitch Mini-Fit짰 Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35318-1220 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-35318-1220 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35318-1220 Datasheet HTML 2Page - Molex Electronics Ltd. SD-35318-1220 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35318-001
Product Specification
PS-35317-001
Sales Drawing
SD-35318-****
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-35318-1220

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-35318-0420 MOLEX4-SD-35318-0420 Datasheet
90Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
SD-35318-0421 MOLEX4-SD-35318-0421 Datasheet
90Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
SD-35318-2020 MOLEX4-SD-35318-2020 Datasheet
90Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com