전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-19221-010 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 SD-19221-010
상세설명  Compression Style Ring Tongue Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19221-010 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  SD-19221-010 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19221-010 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19221-010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


유사한 부품 번호 - SD-19221-010

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 2 AWG Wire
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
More results

유사한 설명 - SD-19221-010

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0192210424 MOLEX4-0192210424 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
0192210401 MOLEX4-0192210401 Datasheet
245Kb / 3P
   Compression Style Ring Tongue Terminal
0192210230 MOLEX4-0192210230 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal
0192210461 MOLEX4-0192210461 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
0192210502 MOLEX4-0192210502 Datasheet
244Kb / 2P
   Compression Style Ring Tongue Terminal
0192210380 MOLEX4-0192210380 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal
0192210595 MOLEX4-0192210595 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal
0192210565 MOLEX4-0192210565 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal
0192210484 MOLEX4-0192210484 Datasheet
271Kb / 4P
   Compression Style Ring Tongue Terminal
0192210419 MOLEX4-0192210419 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com