전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145532L 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MC145532L
상세설명  ADPCM Transcoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145532L 데이터시트(HTML) 3 Page - Motorola, Inc

  MC145532L Datasheet HTML 1Page - Motorola, Inc MC145532L Datasheet HTML 2Page - Motorola, Inc MC145532L Datasheet HTML 3Page - Motorola, Inc MC145532L Datasheet HTML 4Page - Motorola, Inc MC145532L Datasheet HTML 5Page - Motorola, Inc MC145532L Datasheet HTML 6Page - Motorola, Inc MC145532L Datasheet HTML 7Page - Motorola, Inc MC145532L Datasheet HTML 8Page - Motorola, Inc MC145532L Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC145532
MOTOROLA
3
APD
Absolute Power Down (Pin 9)
A logic 1 applied to this input forces the transcoder into a
power saving mode. This pin has a CMOS compatible input.
POWER SUPPLY
VDD
Positive Power Supply (Pin 16)
The most positive power supply pin, normally 5 V.
VSS
Negative Power Supply (Pin 8)
The most negative power supply pin, normally 0 V.
FUNCTIONAL DESCRIPTION
ENCODING/DECODING RATES
The MC145532 allows for the encoding and decoding of
data at one of four rates on a sample–by–sample basis.
Each data sample that is provided to the part is accompanied
by an indication of the rate at which it is to be encoded or
decoded. The width of the enable pulse determines the
encoding/decoding rate chosen for each sample.
The 64 kbps rate allows for PCM data to be passed directly
through the part. The 32 kbps rate is either the G.721–1988
or the T1.301–1987 standard, depending on the state of the
mode pin. The 24 kbps encoding rate is compliant with
CCITT G.723–1988 and G.726. The 16 kbps rate is a modi-
fied quantizer from the 32 kbps technique and is not a stan-
dard.
TIMING
Figures 1 through 8 show the timing of the input and output
pins. The MC145532 determines the mode of the timing sig-
nals, either short or long frame, for each enable, independent
of the mode of any previous enables. A transition from short
frame to long frame mode or vice versa will cause at least
one frame of data to be destroyed. Each of the four sets of
I/O pins determines its mode independent of the other sets.
Thus the encoder input could be operating with long frame
timing and the output could be operating with short frame tim-
ing. Note that the short frame timing on the input enables can
only be used with the 32 kbps transcoding rate. The number
of data clock falling edges enclosed by the input enable line
(EIE or DIE) determines both the short frame or long frame
mode and the transcoding rate. The mode of the input or out-
put is determined each frame. In all modes, the data is cap-
tured by the MC145532 on the falling edge of either EDC or
DDC.
ENCODER INPUT — SHORT FRAME
Figure 1 shows the timing of the encoder data clock
(EDC), the encoder input enable (EIE), and the encoder data
input (EDI) pins in short frame operation.
The determination of short frame mode is made by the
MC145532 based on one falling EDC edge while EIE is high.
Note that only a 32 kbps encoding rate can be specified
when using short frame mode on the encoder input.
ENCODER INPUT — LONG FRAME
Figure 2 shows the clock, enable, and data signals for the
encoder input in long frame mode. In this mode, the data is
captured by the MC145532 on the falling edge of EDC.
The determination of the encoding rate is made based on
the number of falling EDC edges seen by the MC145532
while EIE is high. Four edges implies a 32 kbps encoding
rate, three edges implies a 24 kbps encoding rate, two edges
implies a 16 kbps rate, and from five to eight inclusive imply
a 64 kbps rate. The encoding rate may be changed on a
frame–by–frame basis. The encoded word is available at
EDO (via EOE and EDC) from 250
µs to 375 µs after it is re-
quested.
ENCODER OUTPUT — SHORT FRAME
Figure 3 shows the timing of the encoder output in short
frame mode. The length of the LSB is always one half of an
EDC cycle.
The EDO will provide the correct number of bits for the en-
coding rate that was selected for this frame of data on the
encoder input pins. The data is loaded into the MC145532
during one frame, encoded on the next frame, and read dur-
ing the third frame.
ENCODER OUTPUT — LONG FRAME
Figure 4 shows the timing of the encoder output in long
frame mode. The enable must be wider than two falling
edges of the EDC to be in long frame mode. If the enable falls
before the correct number of bits have been presented to the
output (EDO), the transcoder will complete the presentation
of the bits to the output with the LSB being one half of an
EDC period wide. If the enable falls after the one half EDC
period of the LSB, then the LSB will be extended up to the full
EDC clock period and the subsequent data will be a recircu-
lation of the previous data, which repeats until the enable pin
falls. This is shown on the second enable for the 16 kbps en-
coding rate example in Figure 4.
DECODER INPUT — SHORT FRAME
Figure 5 shows the timing of the decoder data clock, the
decoder input enable, and the decoder data input pins in
short frame operation. Note that in this mode only a 32 kbps
decoding rate can be selected.
DECODER INPUT — LONG FRAME
Figure 6 shows the clock, enable, and data signals for the
decoder input in long frame mode.
The determination of the decoding rate is made based on
the number of falling DDC edges seen by the MC145532
while DIE is high. Four edges implies a 32 kbps decoding
rate, three edges implies a 24 kbps decoding rate, two edges
implies a 16 kbps rate, and from five to eight edges inclusive
imply a 64 kbps rate. The decoding rate may be changed on
a frame–by–frame basis.


유사한 부품 번호 - MC145532L

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14553 MOTOROLA-MC14553 Datasheet
231Kb / 8P
   3-Digit BCD Counter
MC145537 MOTOROLA-MC145537 Datasheet
36Kb / 4P
   MC14LC5540 ADPCM Codec Evaluation Kit
MC145537EVK MOTOROLA-MC145537EVK Datasheet
36Kb / 4P
   MC14LC5540 ADPCM Codec Evaluation Kit
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
More results

유사한 설명 - MC145532L

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
   32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
   Low Power Quad ADPCM Transcoder
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com