전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416C1000C 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KM416C1000C
상세설명  1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1000C 데이터시트(HTML) 1 Page - Samsung semiconductor

  KM416C1000C Datasheet HTML 1Page - Samsung semiconductor KM416C1000C Datasheet HTML 2Page - Samsung semiconductor KM416C1000C Datasheet HTML 3Page - Samsung semiconductor KM416C1000C Datasheet HTML 4Page - Samsung semiconductor KM416C1000C Datasheet HTML 5Page - Samsung semiconductor KM416C1000C Datasheet HTML 6Page - Samsung semiconductor KM416C1000C Datasheet HTML 7Page - Samsung semiconductor KM416C1000C Datasheet HTML 8Page - Samsung semiconductor KM416C1000C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
KM416C1000C, KM416C1200C
CMOS DRAM
KM416V1000C, KM416V1200C
This is a family of 1,048,576 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory
cells within the same row. Power supply voltage (+5.0V or +3.3V), refresh cycle (1K Ref. or 4K Ref.), access time (-5 or -6), power con-
sumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of this family. All of this family have CAS-
before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This
1Mx16 Fast Page Mode DRAM family is fabricated using Samsung
′s advanced CMOS process to realize high band-width, low power
consumption and high reliability. It may be used as graphic memory unit for microcomputer, personal computer and portable machines.
• Part Identification
- KM416C1000C/C-L (5V, 4K Ref.)
- KM416C1200C/C-L (5V, 1K Ref.)
- KM416V1000C/C-L (3.3V, 4K Ref.)
- KM416V1200C/C-L (3.3V, 1K Ref.)
• Fast Page Mode operation
• 2 CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in 42-pin SOJ 400mil and 50(44)-pin TSOP(II)
400mil packages
• Single +5V
±10% power supply (5V product)
• Single +3.3V
±0.3V power supply (3.3V product)
Control
Clocks
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
Row Decoder
Column Decoder
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0-A11
(A0 - A9) *1
A0 - A7
(A0 - A9) *1
Memory Array
1,048,576 x16
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• Refresh Cycles
Part
NO.
VCC
Refresh
cycle
Refresh period
Normal
L-ver
C1000C
5V
4K
64ms
128ms
V1000C
3.3V
C1200C
5V
1K
16ms
V1200C
3.3V
• Perfomance Range
Speed
tRAC
tCAC
tRC
tPC
Remark
-5
50ns
15ns
90ns
35ns
5V/3.3V
-6
60ns
15ns
110ns
40ns
5V/3.3V
• Active Power Dissipation
Speed
3.3V
5V
4K
1K
4K
1K
-5
324
504
495
770
-6
288
468
440
715
Unit : mW
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE
Note) *1 : 1K Refresh


유사한 부품 번호 - KM416C1000C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

유사한 설명 - KM416C1000C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com