전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM4132G271AQ-10 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 KM4132G271AQ-10
상세설명  128K x 32Bit x 2 Banks Synchronous Graphic RAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271AQ-10 데이터시트(HTML) 5 Page - Samsung semiconductor

  KM4132G271AQ-10 Datasheet HTML 1Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 2Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 3Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 4Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 5Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 6Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 7Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 8Page - Samsung semiconductor KM4132G271AQ-10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
KM4132G271A
CMOS SGRAM
Rev.0 (August 1997)
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70¡É VIH(min)/VIL(max)=2.0V/0.8V)
Parameter
Symbol
Test Condition
CAS
Latency
Speed
Unit
Note
-8
-10
-12
Operating Current
(One Bank Active)
ICC1
Burst Length =1
tRC¡ÃtRC(min), tCC¡ÃtCC(min)
IOL = 0 mA
3
180
160
140
mA
1
2
160
140
120
Precharge Standby Cur-
rent in power-down mode
ICC2P
CKE¡ÂVIL(max), tCC = 15ns
2
2
2
mA
ICC2PS
CKE¡ÂVIL(max), CLK¡ÂVIL(max), tCC = ¡Ä
2
2
2
Precharge Standby Current
in non power-down mode
ICC2N
CKE¡ÃVIH(min), CS¡ÃVIH(min), tCC = 15ns
Input signals are changed one time during 30ns
45
45
45
mA
ICC2NS
CKE¡ÃVIH(min), CLK¡ÂVIL(max), tCC = ¡Ä
Input signals are stable
20
20
20
Active Standby Current
in power-down mode
ICC3P
CKE¡ÂVIL(max), tCC = 15ns
4
4
4
mA
ICC3PS
CKE¡ÂVIL(max), CLK¡ÂVIL(max), tCC = ¡Ä
3.5
3.5
3.5
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE¡ÃVIH(min), CS¡ÃVIH(min), tCC = 15ns
Input signals are changed one time during 30ns
55
55
55
mA
ICC3NS
CKE¡ÃVIH(min), CLK¡ÂVIL(max), tCC = ¡Ä
Input signals are stable
35
35
35
Operating Current
(Burst Mode)
ICC4
IOL = 0 mA, Page Burst
All bank Activated, tCCD = tCCD(min)
3
200
180
160
mA
1, 2
2
180
160
140
Refresh Current
ICC5
tRC¡ÃtRC(min)
3
140
120
100
mA
3
2
130
110
90
Self Refresh Current
ICC6
CKE¡Â0.2V
1
1
1
mA
Operating Current
(One Bank Block Write)
ICC7
tCC¡ÃtCC(min), IOL=0mA, tBWC(min)
170
150
130
mA
4
1. Measured with outputs open.
2. Assumes minimum column address update cycle tCCD(min).
3. Refresh period is 16ms.
4. Assumes minimum column address update cycle tBWC(min).
Note :


유사한 부품 번호 - KM4132G271AQ-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-10 SAMSUNG-KM4132G271BQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-7 SAMSUNG-KM4132G271BQR-7 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-8 SAMSUNG-KM4132G271BQR-8 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BTQR-10 SAMSUNG-KM4132G271BTQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
More results

유사한 설명 - KM4132G271AQ-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com