전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416V254D 데이터시트(PDF) 8 Page - Samsung semiconductor

부품명 KM416V254D
상세설명  256K x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V254D 데이터시트(HTML) 8 Page - Samsung semiconductor

Back Button KM416V254D Datasheet HTML 4Page - Samsung semiconductor KM416V254D Datasheet HTML 5Page - Samsung semiconductor KM416V254D Datasheet HTML 6Page - Samsung semiconductor KM416V254D Datasheet HTML 7Page - Samsung semiconductor KM416V254D Datasheet HTML 8Page - Samsung semiconductor KM416V254D Datasheet HTML 9Page - Samsung semiconductor KM416V254D Datasheet HTML 10Page - Samsung semiconductor KM416V254D Datasheet HTML 11Page - Samsung semiconductor KM416V254D Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
KM416C254D, KM416V254D
CMOS DRAM
tASC, tCAH are referenced to the earlier CAS rising edge.
tCP is specified from the last CAS rising edge in the previous cycle to the first CAS falling edge in the next cycle.
tCWD is referenced to the later CAS falling edge at word red-modify-write cycle.
tCWL is specified from W falling edge to the earlier CAS rising edge.
tCSR is referenced to earlier CAS falling low before RAS transition low.
tCHR is referenced to the later CAS rising high after RAS transition low.
tCSR
tCHR
RAS
LCAS
UCAS
tDS
tDH
LCAS
DQ0 ~ DQ15
Din
20.
18.
17.
16.
13.
15.
14.
19.
UCAS
W
tDS, tDH are specified for the earlier CAS falling low.
f
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS-only refresh and burst CAS-before-RAS refresh mode, 512(512K) cycle of burst refresh must be executed within 8ms
before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval, CAS-before-RAS refresh should be executed with in 15.6us immediately
before and after self refresh in order to meet refresh specification.
21.
22.


유사한 부품 번호 - KM416V254D

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416V256D SAMSUNG-KM416V256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

유사한 설명 - KM416V254D

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
logo
List of Unclassifed Man...
GLT440L16 ETC2-GLT440L16 Datasheet
404Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com