전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM432S2030C 데이터시트(PDF) 7 Page - Samsung semiconductor

부품명 KM432S2030C
상세설명  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM432S2030C 데이터시트(HTML) 7 Page - Samsung semiconductor

Back Button KM432S2030C Datasheet HTML 3Page - Samsung semiconductor KM432S2030C Datasheet HTML 4Page - Samsung semiconductor KM432S2030C Datasheet HTML 5Page - Samsung semiconductor KM432S2030C Datasheet HTML 6Page - Samsung semiconductor KM432S2030C Datasheet HTML 7Page - Samsung semiconductor KM432S2030C Datasheet HTML 8Page - Samsung semiconductor KM432S2030C Datasheet HTML 9Page - Samsung semiconductor KM432S2030C Datasheet HTML 10Page - Samsung semiconductor KM432S2030C Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
KM432S2030C
CMOS SDRAM
REV. 1.1 Mar. '99
- 7 -
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
3.3V
1200
870
Output
50pF*1
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Output
50pF*1
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
1. The DC/AC Test Output Load of KM432S2030C-6/7 is 30pF.
2. The VDD condition of KM432S2030C-6 is 3.135V~3.6V.
Note :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then
rounding off to the next higher integer. Refer to the following clock unit based AC conversion table
Notes :
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-6
-7
-8
-10
CLK cycle time
tCC(min)
6
7
8
10
ns
Row active to row active delay
tRRD(min)
12
14
16
20
ns
1
RAS to CAS delay
tRCD(min)
18
18
18
20
ns
1
Row precharge time
tRP(min)
18
18
18
20
ns
1
Row active time
tRAS(min)
42
49
48
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
66
67
68
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,5
Last data in to new col.address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Mode Register Set cycle time
tMRS(min)
2
CLK
Number of valid output data
CAS Latency=3
2
ea
4
CAS Latency=2
1


유사한 부품 번호 - KM432S2030C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KM432J ETC1-KM432J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

유사한 설명 - KM432S2030C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com