전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM432S2030CT-G7 데이터시트(PDF) 6 Page - Samsung semiconductor

부품명 KM432S2030CT-G7
상세설명  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM432S2030CT-G7 데이터시트(HTML) 6 Page - Samsung semiconductor

Back Button KM432S2030CT-G7 Datasheet HTML 2Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 3Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 4Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 5Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 6Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 7Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 8Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 9Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
KM432S2030C
CMOS SDRAM
REV. 1.1 Mar. '99
- 6 -
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
CAS
Latency
Version
Unit Note
-6
-7
-8
-10
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IOL = 0 mA
3
140
130
130
115
mA
1
2
-
-
130
115
Precharge standby current
in power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 15ns
2
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
2
Precharge standby current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
mA
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 15ns
3
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
3
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
20
mA
Operating current
(Burst mode)
ICC4
IOL = 0 mA
Page burst
2 Banks activated
3
200
180
150
130
mA
1
2
-
-
130
110
Refresh current
ICC5
tRC
≥ tRC(min)
3
200
180
160
150
mA
2
2
-
-
160
150
Self refresh current
ICC6
CKE
≤ 0.2V
2
mA
3
450
uA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. KM432S2030CT-G**
4. KM432S2030CT-F**
Notes :
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current (Inputs)
IIL
-1
-
1
uA
3
Input leakage current (I/O pins)
IIL
-1.5
-
1.5
uA
3,4
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ,
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
4. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
5. The VDD condition of KM432S2030C-6 is 3.135V~3.6V.
Notes :


유사한 부품 번호 - KM432S2030CT-G7

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KM432J ETC1-KM432J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

유사한 설명 - KM432S2030CT-G7

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com