전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416RD16AC 데이터시트(PDF) 10 Page - Samsung semiconductor

부품명 KM416RD16AC
상세설명  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD16AC 데이터시트(HTML) 10 Page - Samsung semiconductor

Back Button KM416RD16AC Datasheet HTML 6Page - Samsung semiconductor KM416RD16AC Datasheet HTML 7Page - Samsung semiconductor KM416RD16AC Datasheet HTML 8Page - Samsung semiconductor KM416RD16AC Datasheet HTML 9Page - Samsung semiconductor KM416RD16AC Datasheet HTML 10Page - Samsung semiconductor KM416RD16AC Datasheet HTML 11Page - Samsung semiconductor KM416RD16AC Datasheet HTML 12Page - Samsung semiconductor KM416RD16AC Datasheet HTML 13Page - Samsung semiconductor KM416RD16AC Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Page 7
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
Figure 3: Packet Formats
CTM/CFM
COL4
COL3
COL2
COL1
COL0
T8
T9
T10
T11
T12
T13
T14
T15
T8
T9
T10
T11
T0
T1
T2
T3
T0
T1
T2
T3
S=1a MA7 MA5 MA3 MA1
M=1 MA6 MA4 MA2 MA0
MB7 MB4 MB1
MB6 MB3 MB0
MB5 MB2
R2
CTM/CFM
ROW2
DR4T DR2 BR0
BR3 RsvR
R8
R5
ROW1
DR4F DR1 BR1
BR4 RsvR
R7
R4
R1
ROW0
DR3
DR0 BR2 RsvB AV=1
R6
R3
R0
ACT a0
PREX d0
MSK (b1)
PRER c0
WR b1
C4
CTM/CFM
COL4
DC4
S=1
RsvC
COL3
DC3
C5
C3
COL2
DC2 COP1
RsvB BC2
C2
DC1 COP0
BC4
BC1
C1
DC0 COP2
COP3 BC3
BC0
C0
COL1
COL0
CTM/CFM
ROW2
ROW1
ROW0
CTM/CFM
COL4
COL3
COL2
COL1
COL0
ROP2
DR4T DR2 BR0
BR3 ROP10 ROP8 ROP5
DR4F DR1 BR1
BR4 ROP9 ROP7 ROP4 ROP1
DR3
DR0 BR2 RsvB AV=0 ROP6 ROP3 ROP0
S=1b DX4 XOP4 RsvB BX1
M=0 DX3 XOP3 BX4
BX0
DX2 XOP2 BX3
DX1 XOP1 BX2
DX0 XOP0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15
ROWA Packet
COLM Packet
COLC Packet
COLX Packet
ROWR Packet
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
tPACKET
a The COLM is associated with a
previous COLC, and is aligned
with the present COLC, indicated
by the Start bit (S=1) position.
b The COLX is aligned
with the present COLC,
indicated by the Start
bit (S=1) position.


유사한 부품 번호 - KM416RD16AC

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-RBM80 SAMSUNG-KM416RD8AS-RBM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-SCM80 SAMSUNG-KM416RD8AS-SCM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
More results

유사한 설명 - KM416RD16AC

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com