전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416RD32AC 데이터시트(PDF) 4 Page - Samsung semiconductor

부품명 KM416RD32AC
상세설명  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD32AC 데이터시트(HTML) 4 Page - Samsung semiconductor

  KM416RD32AC Datasheet HTML 1Page - Samsung semiconductor KM416RD32AC Datasheet HTML 2Page - Samsung semiconductor KM416RD32AC Datasheet HTML 3Page - Samsung semiconductor KM416RD32AC Datasheet HTML 4Page - Samsung semiconductor KM416RD32AC Datasheet HTML 5Page - Samsung semiconductor KM416RD32AC Datasheet HTML 6Page - Samsung semiconductor KM416RD32AC Datasheet HTML 7Page - Samsung semiconductor KM416RD32AC Datasheet HTML 8Page - Samsung semiconductor KM416RD32AC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Page 1
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
Overview
The Rambus Direct RDRAM™ is a general purpose high-
performance memory device suitable for use in a broad
range of applications including computer memory, graphics,
video, and any other application where high bandwidth and
low latency are required.
The 128/144-Mbit Direct Rambus DRAMs (RDRAM®) are
extremely high-speed CMOS DRAMs organized as 8M
words by 16 or 18 bits. The use of Rambus Signaling Level
(RSL) technology permits 600MHz to 800MHz transfer
rates while using conventional system and board design
technologies. Direct RDRAM devices are capable of
sustained data transfers at 1.25 ns per two bytes (10ns per
sixteen bytes).
The architecture of the Direct RDRAMs allows the highest
sustained bandwidth for multiple, simultaneous randomly
addressed memory transactions. The separate control and
data buses with independent row and column control yield
over 95% bus efficiency. The Direct RDRAM's thirty-two
banks support up to four simultaneous transactions.
System oriented features for mobile, graphics and large
memory systems include power management, byte masking,
and x18 organization. The two data bits in the x18 organiza-
tion are general and can be used for additional storage and
bandwidth or for error correction.
Features
Highest sustained bandwidth per DRAM device
- 1.6GB/s sustained data transfer rate
- Separate control and data buses for maximized
efficiency
- Separate row and column control buses for
easy scheduling and highest performance
- 32 banks: four transactions can take place simul-
taneously at full bandwidth data rates
Low latency features
- Write buffer to reduce read latency
- 3 precharge mechanisms for controller flexibility
- Interleaved transactions
Advanced power management:
- Direct RDRAM operates from a 2.5 volt supply
- Multiple low power states allows flexibility in power
consumption versus time to transition to active state
- Power-down self-refresh
Organization: 1Kbyte pages and 32 banks, x 16/18
- x18 organization allows ECC configurations or
increased storage/bandwidth
- x16 organization for low cost applications
Uses Rambus Signaling Level (RSL) for up to 800MHz
operation
The 128/144-Mbit Direct RDRAMs are offered in a CSP
horizontal package suitable for desktop as well as low-
profile add-in card and mobile applications.
Key Timing Parameters/Part Numbers
a.The “32s"designation indicates that this RDRAM core is composed of 32
banks which use a "split" bank architecture.
b.The “C“ designator indicates the normal package and the “D“ indicates the
mirrored package.
c.The “R“ designator indicates that this RDRAM core uses Normal Power
Self Refresh.
Figure 1: Direct RDRAM CSP Package
Organization
Speed
Part Number
Bin
I/O
Freq.
MHz
tRAC (Row
Access
Time) ns
256Kx16x32sa -RG60
600
53.3
KM416RD8AC(Db)-RcG60
-RK70
711
45
KM416RD8AC(D)-RK70
-RK80
800
45
KM416RD8AC(D)-RK80
256Kx18x32s
-RG60
600
53.3
KM418RD8AC(D)-RG60
-RK70
711
45
KM418RD8AC(D)-RK70
-RK80
800
45
KM418RD8AC(D)-RK80
SEC KOREA
KM4xxRD8AC
M
SEC KOREA
KM4xxRD8AD
a. Normal Package
b. Mirrored Package


유사한 부품 번호 - KM416RD32AC

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-RBM80 SAMSUNG-KM416RD8AS-RBM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-SCM80 SAMSUNG-KM416RD8AS-SCM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
More results

유사한 설명 - KM416RD32AC

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com