전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM684000CLT-7L 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 KM684000CLT-7L
상세설명  512Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM684000CLT-7L 데이터시트(HTML) 5 Page - Samsung semiconductor

  KM684000CLT-7L Datasheet HTML 1Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 2Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 3Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 4Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 5Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 6Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 7Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 8Page - Samsung semiconductor KM684000CLT-7L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KM684000C Family
CMOS SRAM
Revision 1.0
April 1999
5
AC CHARACTERISTICS (Vcc=4.5~5.5V, KM684000C Family:TA=0 to 70
°C, KM684000CI Family:TA=-40 to 85°C)
Parameter List
Symbol
Speed Bins
Units
55ns
70ns
Min
Max
Min
Max
Read
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
Chip select to output
tCO
-
55
-
70
ns
Output enable to valid output
tOE
-
25
-
35
ns
Chip select to low-Z output
tLZ
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
20
0
25
ns
Output disable to high-Z output
tOHZ
0
20
0
25
ns
Output hold from address change
tOH
10
-
10
-
ns
Write
Write cycle time
tWC
55
-
70
-
ns
Chip select to end of write
tCW
45
-
60
-
ns
Address set-up time
tAS
0
-
0
-
ns
Address valid to end of write
tAW
45
-
60
-
ns
Write pulse width
tWP
40
-
50
-
ns
Write recovery time
tWR
0
-
0
-
ns
Write to output high-Z
tWHZ
0
20
0
25
ns
Data to write time overlap
tDW
25
-
30
-
ns
Data hold from write time
tDH
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
ns
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS (Test Load and Test Input/Output Reference)
Input pulse level : 0.8 to 2.4V
Input rising and falling time : 5ns
Input and output reference voltage : 1.5V
Output load (See right) :CL=100pF+1TTL
CL=50pF+1TTL
DATA RETENTION CHARACTERISTICS
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS
≥Vcc-0.2V
2.0
-
5.5
V
Data retention current
IDR
Vcc=3.0V, CS
≥Vcc-0.2V
KM684000CL
-
-
40
µA
KM684000CL-L
-
-
15
KM684000CLI
-
-
50
KM684000CLI-L
-
-
20
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


유사한 부품 번호 - KM684000CLT-7L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM684000 SAMSUNG-KM684000 Datasheet
344Kb / 7P
   524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM
KM684000ALG-5 SAMSUNG-KM684000ALG-5 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALG-7L SAMSUNG-KM684000ALG-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALGI-7L SAMSUNG-KM684000ALGI-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALP-7 SAMSUNG-KM684000ALP-7 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

유사한 설명 - KM684000CLT-7L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com