전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM68257CP-20 데이터시트(PDF) 7 Page - Samsung semiconductor

부품명 KM68257CP-20
상세설명  32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68257CP-20 데이터시트(HTML) 7 Page - Samsung semiconductor

Back Button KM68257CP-20 Datasheet HTML 2Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 3Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 4Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 5Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 6Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 7Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 8Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 9Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
KM68257C/CL
CMOS SRAM
PRELIMINARY
Rev 3.0
- 7 -
February-1996
TIMING WAVE FORM OF WRITE CYCLE(3)(CS=Controlled)
CS
Data In
WE
High-Z
ADD
Data Out
Data Valid
High-Z(8)
High-Z
TIMING WAVE FORM OF WRITE CYCLE(2)(OE=Low Fixed)
CS
Data In
WE
High-Z
ADD
Data Out
Data Valid
High-Z(8)
(10)
(9)
High-Z
tWC
tAW
tCW(3)
tWP1(2)
tAS(4)
tDW
tDH
tOW
tWHZ(6)
tOH
tWC
tAW
tCW(3)
tWP(2)
tAS(4)
tLZ
tDW
tWHZ(6)
tDH
tWR(5)
tWR(5)


유사한 부품 번호 - KM68257CP-20

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-10 SAMSUNG-KM68257E-10 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-12 SAMSUNG-KM68257E-12 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-15 SAMSUNG-KM68257E-15 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257EI-10 SAMSUNG-KM68257EI-10 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results

유사한 설명 - KM68257CP-20

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com