전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM681000BLRE-10 데이터시트(PDF) 2 Page - Samsung semiconductor

부품명 KM681000BLRE-10
상세설명  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLRE-10 데이터시트(HTML) 2 Page - Samsung semiconductor

  KM681000BLRE-10 Datasheet HTML 1Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 2Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 3Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 4Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 5Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 6Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 7Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 8Page - Samsung semiconductor KM681000BLRE-10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
PRODUCT LIST & ORDERING INFORMATION
PRODUCT LIST
Commercial Temp Product
(0~70¡É)
Extended Temp Products
(-25~85¡É)
Industrial Temp Products
(-40~85¡É)
Part Name
Function
Part Name
Function
Part Name
Function
KM681000BLP-5
KM681000BLP-5L
KM681000BLP-7
KM681000BLP-7L
KM681000BLG-5
KM681000BLG-5L
KM681000BLG-7
KM681000BLG-7L
KM681000BLT-5
KM681000BLT-5L
KM681000BLT-7
KM681000BLT-7L
KM681000BLR-5
KM681000BLR-5L
KM681000BLR-7
KM681000BLR-7L
32-DIP,55ns,L-pwr
32-DIP,55ns,LL-pwr
32-DIP,70ns,L-pwr
32-DIP,70ns,LL-pwr
32-SOP,55ns,L-pwr
32-SOP,55ns,LL-pwr
32-SOP,70ns,L-pwr
32-SOP,70ns,LL-pwr
32-TSOP F,55ns,L-pwr
32-TSOP F,55ns,LL-pwr
32-TSOP F,70ns,L-pwr
32-TSOP F,70ns,LL-pwr
32-TSOP R,55ns,L-pwr
32-TSOP R,55ns,LL-pwr
32-TSOP R,70ns,L-pwr
32-TSOP R,70ns,LL-pwr
KM681000BLGE-7
KM681000BLGE-7L
KM681000BLGE-10
KM681000BLGE-10L
KM681000BLTE-7
KM681000BLTE-7L
KM681000BLTE-10
KM681000BLTE-10L
KM681000BLRE-7
KM681000BLRE-7L
KM681000BLRE-10
KM681000BLRE-10L
32-SOP,70ns,L-pwr
32-SOP,70ns,LL-pwr
32-SOP,100ns,L-pwr
32-SOP,100ns,LL-pwr
32-TSOP F,70ns,L-pwr
32-TSOP F,70ns,LL-pwr
32-TSOP F,100ns,L-pwr
32-TSOP F,100ns,LL-pwr
32-TSOP R,70ns,L-pwr
32-TSOP R,70ns,LL-pwr
32-TSOP R,100ns,L-pwr
32-TSOP R,100ns,LL-pwr
KM681000BLGI-7
KM681000BLGI-7L
KM681000BLGI-10
KM681000BLGI-10L
KM681000BLTI-7
KM681000BLTI-7L
KM681000BLTI-10
KM681000BLTI-10L
KM681000BLRI-7
KM681000BLRI-7L
KM681000BLRI-10
KM681000BLRI-10L
32-SOP,70ns,L-pwr
32-SOP,70ns,LL-pwr
32-SOP,100ns,L-pwr
32-SOP,100ns,LL-pwr
32-TSOP F,70ns,L-pwr
32-TSOP F,70ns,LL-pwr
32-TSOP F,100ns,L-pwr
32-TSOP F,100ns,LL-pwr
32-TSOP R,70ns,L-pwr
32-TSOP R,70ns,LL-pwr
32-TSOP R,100ns,L-pwr
32-TSOP R,100ns,LL-pwr
ORDERING INFORMATION
KM6 8 X 1000 B X X X - XX X
L-Low Low Power, Blank-Low Power or High Power
Access Time : 5=55ns, 7=70ns, 10=100ns
L-Low Power or Low Low Power, Blank-High Power
Die Version : B=3 rd generation
Density : 1000=1Mbit
Bank=5V, V=3.0~3.6V, U=2.7~3.3V
Organization : 8=x8
SEC Standard SRAM
¢¥
Operating temperature : Blank=Commerial, I=Industrial, E=Extended,
Package Type : P-DIP, G=SOP, T=TSOP Forward, R=TSOP Reverse


유사한 부품 번호 - KM681000BLRE-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

유사한 설명 - KM681000BLRE-10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com