전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-44248-001 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-44248-001
상세설명  Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6, 2 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44248-001 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-44248-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-43860-001
Packaging Specification
PK-44248-004
Product Specification
PS-43860-003, RPS-43860-004, RPS-43860-007,
RPS-43860-008, RPS-43860-013
Sales Drawing
SD-44248-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-44248-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
More results

유사한 설명 - SD-44248-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0442480017 MOLEX6-0442480017 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6, 2 Ports
0442480045 MOLEX6-0442480045 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6, 2 Ports
0442480009 MOLEX6-0442480009 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6, 2 Ports
0442480018 MOLEX6-0442480018 Datasheet
725Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
0442480038 MOLEX6-0442480038 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
0442480046 MOLEX6-0442480046 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
0442480010 MOLEX6-0442480010 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
0438600008 MOLEX6-0438600008 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6
0438146621 MOLEX6-0438146621 Datasheet
149Kb / 3P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 2 Ports
0442480094 MOLEX6-0442480094 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com