전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-44248-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-44248-001
상세설명  Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44248-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-44248-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442480061
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
Documents:
3D Model
Product Specification PS-43860-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44248
Comments
Industry Compatible
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
Yes
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.040 In
Pitch - Term. Interface (mm)
1.02 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
2
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44248Series


유사한 부품 번호 - SD-44248-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
More results

유사한 설명 - SD-44248-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0442480085 MOLEX1-0442480085_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480085 MOLEX6-0442480085 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480089 MOLEX1-0442480089_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480089 MOLEX6-0442480089 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480057 MOLEX6-0442480057 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480033 MOLEX6-0442480033 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480033 MOLEX1-0442480033_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480001 MOLEX6-0442480001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480029 MOLEX6-0442480029 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480029 MOLEX1-0442480029_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com