전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-45719-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-45719-001
상세설명  12.90mm (.508") Pitch EXTreme PowerEdge, 2.36mm (.093") Thick PC Board, Mates to a 1.57mm (.062")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-45719-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-45719-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45719-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45719-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45719-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45719-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0457190004
Status:
Active
Overview:
edge_card_connectors
Description:
12.90mm (.508") Pitch EXTreme PowerEdge™, 2.36mm (.093") Thick PC Board,
Mates to a 1.57mm (.062") Thick Card Edge or Bus Bar Tab
Documents:
3D Model
Product Specification PS-45719-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090228
General
Product Family
Edge Card Connectors
Series
45714
Component Type
Edgecard to PCB
MolexKits
Yes
Overview
edge_card_connectors
Product Name
Bus Bar Socket, EXTreme PowerEdge™
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Circuits Detail
All Power
Color - Resin
Black
Durability (mating cycles max)
200
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.143 In
PC Tail Length (mm)
3.63 mm
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.508 In
Pitch - Mating Interface (mm)
12.90 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
40A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-45714-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45714Series
Mates With
1.58mm (.062") double sided card edge or
bus bar tab


유사한 부품 번호 - SD-45719-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-45719-001 MOLEX6-SD-45719-001 Datasheet
251Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 2 Segments (4 Total Contacts), 1.25 (.049") Thick PC Board
SD-45719-001 MOLEX6-SD-45719-001 Datasheet
251Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 3 Segments (6 Total Contacts)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com