전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-45985-102 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-45985-102
상세설명  12.00mm (0.472") Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts, Select Gold (Au) Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX6 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-45985-102 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-45985-102 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45985-102 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45985-102 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45985-102 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45985-102 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45985-102 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45985-102 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459851924
Status:
Active
Overview:
extreme_lphpower
Description:
12.00mm (0.472") Pitch, EXTreme LPHPower™ Header, Right Angle, 10 Power
Contacts, Select Gold (Au) Plating, for 2.36mm (.093") Thick PC Board with Guide and
Press-fit Plastic Pegs
Documents:
3D Model
Product Specification PS-45984-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
30683046
UL
E29179
General
Product Family
PCB Headers
Series
45985
Application
Board-to-Board
Comments
10 Power Blades
Overview
extreme_lphpower
Product Name
EXTreme LPHPower™
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Circuits Detail
10 Power, No Signal
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
Yes
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.142 In
PC Tail Length (mm)
3.60 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.472 In
Pitch - Mating Interface (mm)
12.00 mm
Pitch - Term. Interface (in)
0.079 In, 0.098 In
Pitch - Term. Interface (mm)
2.00 mm, 2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45985Series
Mates With
45984 EXTreme LPHPower™ PCB
Receptacles


유사한 부품 번호 - SD-45985-102

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-45985-102 MOLEX6-SD-45985-102 Datasheet
342Kb / 7P
   12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, Select Gold (Au)
SD-45985-102 MOLEX6-SD-45985-102 Datasheet
342Kb / 7P
   12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, Select Gold (Au) Plating, for 3.18mm
SD-45985-102 MOLEX6-SD-45985-102 Datasheet
342Kb / 7P
   12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating, for 1.57mm
SD-45985-102 MOLEX6-SD-45985-102 Datasheet
342Kb / 7P
   12.00mm (0.472") Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts, Select Gold (Au) Plating
SD-45985-102 MOLEX6-SD-45985-102 Datasheet
342Kb / 7P
   12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, Select Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com