전자부품 데이터시트 검색엔진 |
|
54550-1171 데이터시트(PDF) 1 Page - Molex Electronics Ltd. |
|
54550-1171 데이터시트(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0545501171 Status: Active Overview: ffc_fpc_smt Description: 0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT, ZIF, Top Contact Style, 11 Circuits, Gold (Au) Contact Plating Documents: 3D Model Product Specification PS-54550-012 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family FFC/FPC Connectors Series 54550 Overview ffc_fpc_smt Product Name N/A Physical Circuits (Loaded) 11 Contact Position Top Durability (mating cycles max) 20 Entry Angle 90° Angle Mated Height (in) 0.047 In Mated Height (mm) 1.20 mm Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Number of Rows 1 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.020 In Pitch - Mating Interface (mm) 0.50 mm Polarized to PCB Yes Stackable No Temperature Range - Operating -20°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 0.5A Voltage - Maximum 50V Material Info Reference - Drawing Numbers Packaging Specification SPK-54550-056 Product Specification PS-54550-012, RPS-54550-078, RPS-54550-083, RPS-54550-088, RPS-54550-089, RPS-54550-090 Sales Drawing SD-54550-042, SD-54550-043 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 54550Series This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
유사한 부품 번호 - 54550-1171 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |