전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54560-5001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 54560-5001
상세설명  2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 50Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX7 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54560-5001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  54560-5001 Datasheet HTML 1Page - Molex Electronics Ltd. 54560-5001 Datasheet HTML 2Page - Molex Electronics Ltd. 54560-5001 Datasheet HTML 3Page - Molex Electronics Ltd. 54560-5001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545605001
Status:
Active
Overview:
qf50
Description:
2.54mm (0.100") Pitch QF-50™ Flat Ribbon Cable Receptacle Upper Housing, 50
Circuits
Documents:
Drawing (PDF)
Product Specification PS-54559-005 (PDF)
Product Specification PS-54559-004 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
54560
Application Tooling Part Link
572525000
Application Tooling Part Link
572527000
Component Type
Housing
Overview
qf50
Product Name
QF-50™
Physical
Circuits (Loaded)
50
Color - Resin
Black
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Tray
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
1A
Material Info
Reference - Drawing Numbers
Product Specification
PS-54559-004, PS-54559-005, RPS-501577-001,
RPS-54559-008, RPS-54559-010, RPS-54559-012,
RPS-54559-014, RPS-54559-015, RPS-54559-016,
RPS-54559-017
Sales Drawing
SD-54560-002, SD-54561-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54560Series
Use With
54561 Strain Relief, 54559 Receptacle
Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
IDT Hand Tool
Assembly For MIL
Connector
0572525000
IDT Machine For MIL
IDT Connector
0572527000
This document was generated on 06/01/2010


유사한 부품 번호 - 54560-5001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
54560-1001 MOLEX7-54560-1001 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 10Circuits
54560-1401 MOLEX7-54560-1401 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 14Circuits
54560-1601 MOLEX7-54560-1601 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 16 Circuits
54560-2001 MOLEX7-54560-2001 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 20Circuits
54560-2601 MOLEX7-54560-2601 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 26Circuits
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com