전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-68786-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-68786-001
상세설명  HDMI Type D-to-Type A Cable Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

SD-68786-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-68786-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-68786-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-68786-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0687860001
Status:
Active
Overview:
type_d_micro_connectors
Description:
HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 34, 1.0m (3.28' ), Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
68786
Connector to Connector
HDMI* Type D-to-Type A
Overview
type_d_micro_connectors
Product Name
HDMI*, Micro HDMI*
Physical
Cable Length
1.0m (3.28' )
Circuits (Loaded)
19
Gender
Male-Male
Lock to Mating Part
Yes
Material - Resin
Polyethylene, PVC
Pitch - Mating Interface (in)
0.016 In, 0.039 In
Pitch - Mating Interface (mm)
0.40 mm, 1.00 mm
Single Ended
No
Wire Size AWG
34
Wire/Cable Type
Round
Electrical
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-68786-001
* High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68786Series
Mates With
46765 HDMI Type D Micro Connectors
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-68786-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-68784-001 MOLEX8-SD-68784-001 Datasheet
114Kb / 2P
   USB Shielded I/O Cable Assembly
SD-68785-0004 MOLEX8-SD-68785-0004 Datasheet
189Kb / 3P
   Mini DisplayPort*(Plug)-to-Mini DisplayPort
More results

유사한 설명 - SD-68786-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
687860001 MOLEX2-687860001 Datasheet
190Kb / 2P
   HDMI TYPE A TO TYPE D CABLE ASSEMBLY
0687860004 MOLEX8-0687860004 Datasheet
178Kb / 3P
   HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 34, 0.1m (3.94"), Lead free
0687860006 MOLEX8-0687860006 Datasheet
219Kb / 3P
   HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 36, 1.5m (4.92), Lead free
0687860003 MOLEX8-0687860003 Datasheet
219Kb / 3P
   HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 32, 2.0m (6.56 ), Lead free
0687860002 MOLEX8-0687860002 Datasheet
219Kb / 3P
   HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 34, 1.5m (4.92 ), Lead free
0687860005 MOLEX8-0687860005 Datasheet
178Kb / 3P
   HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 34, 0.2m (7.84"), Lead free
logo
Wurth Elektronik GmbH &...
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
logo
Assmann Electronics Inc...
AK-330101-020-S ASSMANN-AK-330101-020-S Datasheet
219Kb / 2P
   HDMI High Speed connection cable, type A
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com