전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74095-0034 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 74095-0034
상세설명  2.54mm (.100") Pitch SL??Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74095-0034 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  74095-0034 Datasheet HTML 1Page - Molex Electronics Ltd. 74095-0034 Datasheet HTML 2Page - Molex Electronics Ltd. 74095-0034 Datasheet HTML 3Page - Molex Electronics Ltd. 74095-0034 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


유사한 부품 번호 - 74095-0034

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74095-0004 MOLEX8-74095-0004 Datasheet
224Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 120 Circuits, 3.18mm (.125") PCTail Length
74095-0016 MOLEX8-74095-0016 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 16 Circuits, Tin(Sn) Over Nickel (Ni) Plating
74095-0020 MOLEX8-74095-0020 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 20 Circuits, TinSn) Over Nickel (Ni) Plating
74095-0025 MOLEX-74095-0025 Datasheet
156Kb / 2P
   SL??(Stackable Linear) Compliant Pin Header
74095-0025 MOLEX8-74095-0025 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 25 Circuits, Tin(Sn) Over Nickel (Ni) Plating
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com