전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-74164-001 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-74164-001
상세설명  2.54mm (.100") Pitch C-Grid짰 Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

SD-74164-001 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-74164-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-74164-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-74164-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-74164-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0019
Product Specification
PS-74164-001
Sales Drawing
SD-74164-001
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-74164-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-74162-001 MOLEX8-SD-74162-001 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle
SD-74162-001 MOLEX8-SD-74162-001 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle
SD-74162-001 MOLEX8-SD-74162-001 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle
SD-74162-001 MOLEX8-SD-74162-001 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com